Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UTT50N06 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTT50N06
Description  50A, 60V N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTT50N06 Datasheet(HTML) 2 Page - Unisonic Technologies

  UTT50N06 Datasheet HTML 1Page - Unisonic Technologies UTT50N06 Datasheet HTML 2Page - Unisonic Technologies UTT50N06 Datasheet HTML 3Page - Unisonic Technologies UTT50N06 Datasheet HTML 4Page - Unisonic Technologies UTT50N06 Datasheet HTML 5Page - Unisonic Technologies UTT50N06 Datasheet HTML 6Page - Unisonic Technologies UTT50N06 Datasheet HTML 7Page - Unisonic Technologies UTT50N06 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
UTT50N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 8
www.unisonic.com.tw
QW-R502-704.C
ABSOLUTE MAXIMUM RATINGS (Unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = 25°C
ID
50
A
TC = 100°C
35
A
Pulsed Drain Current (Note 2)
IDM
200
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
120
mJ
Repetitive (Note 2)
EAR
13
mJ
Power Dissipation (TC=25°C)
TO-220
PD
100
W
TO-252
114
Junction Temperature
TJ
+150
°C
Operation and Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by TJ
3. L=0.1mH, IAS=50A, VDD=25V, RG=20Ω, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
TO-220
θJA
62
°C/W
TO-252
100
Junction to Case
TO-220
θJC
1.24
°C/W
TO-252
1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com