Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACT45B Datasheet(PDF) 3 Page - TDK Electronics

Part # ACT45B
Description  Common Mode Filters For automobile signal line ACT series
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ACT45B Datasheet(HTML) 3 Page - TDK Electronics

  ACT45B Datasheet HTML 1Page - TDK Electronics ACT45B Datasheet HTML 2Page - TDK Electronics ACT45B Datasheet HTML 3Page - TDK Electronics ACT45B Datasheet HTML 4Page - TDK Electronics ACT45B Datasheet HTML 5Page - TDK Electronics ACT45B Datasheet HTML 6Page - TDK Electronics ACT45B Datasheet HTML 7Page - TDK Electronics ACT45B Datasheet HTML 8Page - TDK Electronics ACT45B Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(3/11)
001-01 / 20131106 / e9711_act.fm
• All specifications are subject to change without notice.
EMC Components
Common Mode Filters
For automobile signal line
FEATURES
Compatible with an operating temperature range of –40 to +150°C, so can be used for vehicle devices requiring compatibility with high
temperatures. (ACT45B, ACT45R)
When mounting, the terminal and winding tape splicing part do not fuse.
ACT45R for FlexRay, which uses our unique technology, is a product that can achieve DCR < 2
: @ 125 deg. C by reducing the DC
resistance while maintaining a high L-value of 100μH.
ACT45L for Ethernet, which uses our unique technology, is a product that can realize higher-level Scd21 mode conversion
characteristics while maintaining a high L-value of 200μH.
APPLICATION
ACT45B
CAN-BUS, FAXs, modems, ISDNs, etc.
ACT45R
FlexRay system.
ACT45L
Ethernet system.
PART NUMBER CONSTRUCTION
OPERATING TEMPERATURE RANGE, PACKAGE QUANTITY, PRODUCT WEIGHT
The Storage temperature range is for after the circuit board is mounted.
Overview of the ACT Series
ACT45B -
510
-
2P
-
TL
□□□
Series name
Inductance(typ.)
Number of lines
Packaging style
Internal code
(μH)
ACT45B
110
11
2P
2 lines
TL
ø330mm reel
ACT45R
220
22
ACT45L
510
51
101
100
201
200
Type
Temperature range
Package quantity
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(pieces/reel)
(g)
ACT45B
–40 to +150
–40 to +150
2,500
0.14
ACT45R
–40 to +150
–40 to +150
2,500
0.14
ACT45L
–40 to +105
–40 to +105
2,500
0.2
Product compatible with RoHS directive
Compatible with lead-free solders
AEC-Q200
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com