Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB127 Datasheet(PDF) 4 Page - Clare, Inc.

Part # LCB127
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB127 Datasheet(HTML) 4 Page - Clare, Inc.

  LCB127 Datasheet HTML 1Page - Clare, Inc. LCB127 Datasheet HTML 2Page - Clare, Inc. LCB127 Datasheet HTML 3Page - Clare, Inc. LCB127 Datasheet HTML 4Page - Clare, Inc. LCB127 Datasheet HTML 5Page - Clare, Inc. LCB127 Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.clare.com
4
LCB127
Rev. 3
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
LCB127
Typical Turn-On vs. LED Forward Current
(Load Current = 200mADC)
LED Forward Current (mA)
0
5
1015202530354045
0.060
0.050
0.040
0.030
0.020
0.010
0
50
LCB127
Typical Turn-Off vs. LED Forward Current
(Load Current = 200mADC)
LED Forward Current (mA)
0
5
1015202530354045
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
50
LCB127
Typical On-Resistance vs. Temperature
(Load Current = 200mADC; IF = 5mADC)
Temperature (
°C)
-40
8.000
7.000
6.000
5.000
4.000
3.000
2.000
1.000
0
-20
0
20
40
60
80
100
LCB127
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
LCB127
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
200
150
100
50
0
-50
-100
-150
-200
-1.0 -0.8 -0.6 -0.4 -0.2
0
0.2 0.4 0.6 0.8 1.0
LCB127
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s
LCB127
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
LCB127
Typical IF for Switch Operation
vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com