Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCB127S Datasheet(PDF) 3 Page - Clare, Inc.

Part # LCB127S
Description  Single Pole OptoMOS Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCB127S Datasheet(HTML) 3 Page - Clare, Inc.

  LCB127S Datasheet HTML 1Page - Clare, Inc. LCB127S Datasheet HTML 2Page - Clare, Inc. LCB127S Datasheet HTML 3Page - Clare, Inc. LCB127S Datasheet HTML 4Page - Clare, Inc. LCB127S Datasheet HTML 5Page - Clare, Inc. LCB127S Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LCB127
www.clare.com
Rev. 3
PERFORMANCE DATA*
The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
3
LCB127
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
LCB127
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
25
20
15
10
5
0
5.325
5.495
5.665
6.005
5.835
6.175
On-Resistance (
Ω)
LCB127
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
25
20
15
10
5
0
310
314
318
322
326
330
Blocking Voltage (V)
LCB127
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC)
1.4
1.8
2.6
3.4
2.2
3.0
LED Current (mA)
25
20
15
10
5
0
LCB127
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC
25
20
15
10
5
0
1.4
2.2
3.0
1.0
1.8
2.6
LED Current (mA)
)
LCB127
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
0.05
0.09
0.13
0.03
0.07
0.11
Turn-On (ms)
25
20
15
10
5
0
LCB127
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 170mADC; IF = 5mADC)
1.05
1.65
2.25
0.75
1.35
1.95
Turn-Off (ms)
25
20
15
10
5
0
LCB127
Typical Load Current vs. Temperature
Temperature (
°C)
250
200
150
100
50
0
-40
-20
0
20
40
60
80
120
100
5mA
LCB127
Typical Leakage vs. Temperature
(Measured across Pins 4 & 6)
Temperature (
°C)
-40
0.045
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0
-20
0
20
40
60
80
100
LCB127
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
400
350
300
250
200
150
100
50
0
-20
0
20
40
60
80
100
LCB127
Typical Turn-On vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
5mA
LCB127
Typical Turn-Off vs. Temperature
(Load Current = 200mADC)
Temperature (
°C)
-40
2.500
2.000
1.500
1.000
0.500
0
-20
0
20
40
60
80
100
5mA
10mA
20mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com