Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDA110STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # LDA110STR
Description  Solid State Current Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LDA110STR Datasheet(HTML) 1 Page - Clare, Inc.

  LDA110STR Datasheet HTML 1Page - Clare, Inc. LDA110STR Datasheet HTML 2Page - Clare, Inc. LDA110STR Datasheet HTML 3Page - Clare, Inc. LDA110STR Datasheet HTML 4Page - Clare, Inc. LDA110STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.clare.com
LDA110
DS-LDA110-R3
Solid State Current Sensors
Applications
Features
Description
Approvals
Ordering Information
LDA110
Units
Break Down Voltage
20
V
Current Transfer Ratio
1000
%
Saturation Voltage
.8
V
Input Control Current
2
mA
Pin Configuration
LDA110 is an optocoupler with a single or darlington tran-
sistor output. A bi-directional or uni-directional input is
available depending on which model you choose. Current
transfer ratios range from 33% to 1000%
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Loop Detect
• Ring Detect
• Current Sensing
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
• BS EN 41003:1993
Certificate #:7344
• AC and DC Input Versions Available
• Small 6 Pin DIP Package
• 100mA Continuous Load Rating
• 3750V
RMS Input/Output Isolation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Part #
Description
LDA110
6 Pin DIP (50/Tube)
LDA110S
6 Pin Surface Mount (50/Tube)
LDA110STR
6 Pin Surface Mount (1000/Reel)
1
3
2
4
5
6
LDA110 Pinout


Similar Part No. - LDA110STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA110STR CLARE-LDA110STR Datasheet
116Kb / 5P
Bidirectional Input, Darlington Transistor Output Optocoupler
logo
IXYS Corporation
LDA110STR IXYS-LDA110STR Datasheet
118Kb / 6P
Optocoupler, Bidirectional Input Darlington-Transistor Output
More results

Similar Description - LDA110STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LDA100 CLARE-LDA100 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA101 CLARE-LDA101 Datasheet
68Kb / 5P
Solid State Current Sensors
LDA111 CLARE-LDA111 Datasheet
69Kb / 5P
Solid State Current Sensors
LDA200 CLARE-LDA200 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA201 CLARE-LDA201 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA210 CLARE-LDA210 Datasheet
70Kb / 5P
Solid State Current Sensors
LDA211 CLARE-LDA211 Datasheet
70Kb / 5P
Solid State Current Sensors
logo
Honeywell Solid State E...
CSN HONEYWELL-CSN Datasheet
712Kb / 9P
Solid State Sensors Closed Loop Current Sensors
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
Solid State Pressure Sensors
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
Solid State Pressure Sensors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com