Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R-2-SC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # R-2-SC
Description  Probe Specifications
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R-2-SC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  R-2-SC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
70
70
Interconnect Devices, Inc. welcomes your e-mail at info@idinet.com
Series S s
ize
2 .100 centers
beCu Plunger tiPS
S-2 Probe
Minimum Centers: .100 (2.54)
Current Rating: 3 amps
continuous
Spring Force: 4.0, 7.0, 8.3
or 10.0 oz. @ .100 (2.54)
travel
Typical Resistance: < 35 mΩ
Maximum Travel: .160 (4.06)
Working Travel: .100 (2.54)
Rated Force Preload Material
oz (g)
oz (g)
4.0 (113)
1.6 (45)
BeCu
7.0 (198)
2.9 (82)
SS
8.3 (235)
3.3 (93)
MW
10.0 (283)
3.9 (110)
MW
Barrel: Nickel/silver, gold plated
Spring: Beryllium copper,
precious metal plated,
music wire or stainless steel,
gold plated
Plunger: Beryllium copper,
gold plated over nickel or
Duralloy™
Receptacle: Nickel/silver, gold
plated; gold plated post
.230
(5.84)
.058
(1.47)
.071
+.003
-.000
(1.80)
.047
(1.19)
.728
(18.49)
.930
(23.62)
.066
(1.68)
I.D.
Drill Size: #50
Mounting Hole Size:
.068/.070 (1.73/1.78)
Recommended Wire: 22-26 gage
R-2 Receptacle
.240
(6.10)
.080
(2.03)
.075
(1.91)
.040
(1.02)
.054
(1.37)
.970
(24.64)
A
B
C
D
E
F
G
H
J
K
T
V
X
How to order: SPring ContaCt Probe
reCePtaCle
View uPdateS oF tHiS inFormation at www.idinet.Com
Plating oPtions:
G: Gold plated plunGer
D: duralloy™ plated
plunGer
Post length:
WW: 429
terMinations:
cr: Crimp
sc: Solder Cup
rP: round poSt
WW: Wire Wrap
criMPing Pliers: Cp2
insertion tool: rt2
sPring force:
4.0 oz. @ .100 (2.54) travel
7.0 oz. @ .100 (2.54) travel
8.3 oz. @ .100 (2.54) travel
10.0 oz. @ .100 (2.54) travel
Probe sPecifications
Materials
Part Number
Style
Receptacle
Probe/Receptacle
Comments
Length
Combined Length
R-2-CR
Crimp
0.930 (23.62)
1.170 (29.72)
—
R-2-SC
Solder Cup
0.930 (23.62)
1.170 (29.72)
—
R-2-RP
Round Post
1.305 (31.15)
1.545 (39.24)
.375 post length - .025 dia.
R-2-WW-429
Wire Wrap
1.359 (34.52)
1.599 (40.61)
.429 post length - .025 sq.
reCePtaCle oPtionS
terMination
Post
length
series
series
size
sPring
force
Plating
oPtions
tiP
style
s
2
4
g
a
2
WW
429
size
r
Specifications subject to change without notice. Dimensions in inches (millimeters)
90°
30°
90°
45°
60°
A
B
C
D
E
F
G
H
J
K
T
V
X
.075
(1.91)
.040
(1.02)
.040
(1.02)
.050
(1.27)
.075
(1.91)
.075
(1.91)
.040
(1.02)
.075
(1.91)
.040
(1.02)
.075
(1.91)
.075
(1.91)
.060
(1.52)
.060
(1.52)
series:
S: Standard
SX: improved pointinG
aCCuraCy


Similar Part No. - R-2-SC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R-2-SC ETC2-R-2-SC Datasheet
299Kb / 1P
Size 2 .100 Centers
R-2-SC ETC2-R-2-SC Datasheet
302Kb / 1P
Size 2 .100 Centers
More results

Similar Description - R-2-SC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57227 EPCOS-B57227 Datasheet
201Kb / 8P
Probe assemblies
logo
Agilent(Hewlett-Packard...
N2862A HP-N2862A Datasheet
282Kb / 4P
Oscilloscope Probe
logo
Maxim Integrated Produc...
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
logo
TDK Electronics
B57227K0333A001 TDK-B57227K0333A001 Datasheet
234Kb / 9P
Probe assemblies
B57500K0103A001 TDK-B57500K0103A001 Datasheet
286Kb / 10P
Probe assemblies
B57500M0103A005 TDK-B57500M0103A005 Datasheet
277Kb / 9P
Probe assemblies
B57504K0103A009 TDK-B57504K0103A009 Datasheet
274Kb / 9P
Probe assemblies
B57514K0493A001 TDK-B57514K0493A001 Datasheet
235Kb / 9P
Probe assemblies
logo
ASM GmbH
CT6700 ASM-SENSOR-CT6700 Datasheet
1Mb / 4P
CURRENT PROBE
logo
Good Will Instrument Co...
GCP-005 GWINSTEK-GCP-005 Datasheet
1Mb / 2P
CURRENT PROBE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com