Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LOC211P Datasheet(PDF) 1 Page - Clare, Inc.

Part # LOC211P
Description  Linear Optocouplers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LOC211P Datasheet(HTML) 1 Page - Clare, Inc.

  LOC211P Datasheet HTML 1Page - Clare, Inc. LOC211P Datasheet HTML 2Page - Clare, Inc. LOC211P Datasheet HTML 3Page - Clare, Inc. LOC211P Datasheet HTML 4Page - Clare, Inc. LOC211P Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.clare.com
LOC211
DS-LOC211-R3
Linear Optocouplers
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
LOC211 is a dual linear optocoupler for use in telecom,
medical and power supply isolation circuits. They are
available in a 16 Pin SOIC package.
• Modem Transformer Replacement With No
Insertion Loss
• Digital Telephone Isolation
• Power Supply Feedback Voltage/Current
• Medical Sensor Isolation
• Audio Signal Interfacing
• Isolation of Process Control Transducers
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
• BS EN 41003:1993
Certificate #:7344
• 16 Pin SOIC Package (PCMCIA Compatible)
• Couples Analog and Digital Signals
• Wide Bandwidth (>200kHz)
• High Gain Stability
• Low Input/Output Capacitance
• Low Power Consumption
• 0.01% Servo Linearity
• THD 87dB Typical
• Machine Insertable, Wave Solderable
• Surface Mount and Tape Reel Versions Available
• VDE Compatible
Part #
Description
LOC211P
16 Pin Flatpack (50/Tube)
LOC211PTR
16 Pin Flatpack (1000/Reel)
LOC210/LOC211 Pinout
– LED
+ LED
+ Vcc
I1
NC
NC
+Vcc
I2
+Vcc
I1
NC
NC
+Vcc
I2
1
2
3
4
16
15
14
13
5
6
7
8
12
11
10
9
– LED
+ LED


Similar Part No. - LOC211P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC211P CLARE-LOC211P Datasheet
395Kb / 4P
Linear Optocouplers
logo
IXYS Corporation
LOC211P IXYS-LOC211P Datasheet
112Kb / 5P
Couples Analog and Digital Signals
logo
Clare, Inc.
LOC211PTR CLARE-LOC211PTR Datasheet
395Kb / 4P
Linear Optocouplers
logo
IXYS Corporation
LOC211PTR IXYS-LOC211PTR Datasheet
112Kb / 5P
Couples Analog and Digital Signals
More results

Similar Description - LOC211P

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LOC110 CLARE-LOC110 Datasheet
139Kb / 6P
Linear Optocouplers
LOC111 CLARE-LOC111 Datasheet
139Kb / 6P
Linear Optocouplers
LOC112 CLARE-LOC112 Datasheet
139Kb / 6P
Linear Optocouplers
LOC210 CLARE-LOC210 Datasheet
74Kb / 5P
Linear Optocouplers
logo
Silonex Inc.
NSL-32H-100 SILONEX-NSL-32H-100 Datasheet
207Kb / 1P
OPTOCOUPLERS
logo
Texas Instruments
TIL127 TI-TIL127 Datasheet
235Kb / 6P
OPTOCOUPLERS
TIL124 TI-TIL124 Datasheet
632Kb / 8P
OPTOCOUPLERS
logo
Silonex Inc.
NSL-26 SILONEX-NSL-26 Datasheet
18Kb / 1P
Optocouplers
logo
Clare, Inc.
LOC211P CLARE-LOC211P Datasheet
395Kb / 4P
Linear Optocouplers
logo
IXYS Corporation
LOC210 IXYS-LOC210 Datasheet
107Kb / 5P
Dual Linear Optocouplers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com