Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3R150DF Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 3R150DF
Description  3-Electrode Gas Discharge Tubes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

3R150DF Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  3R150DF Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD 3R150DF Datasheet HTML 2Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ShenZhen HuaXinAn Electronics Co.,Ltd
(Ø8x10mm)
3-Electrode Gas Discharge Tubes
20KA
1:Dimension(mm)
Fast Delivery Time
3R-90 Photo
2:Main Applications
•PCI Cards protection
•Telephone/Fax/Modem protection
•single line protection
•ADSL/XDSL Splitter,Power Supply
•Surge Protection Device/Surge Protector
3:Features
•
100% Lead-Free(RoHs Compliant )
•Non-Radioactive
•Low capacitance (≤1pF)
•Fast Response-time,High Insulation Resistance.
•Small size :Ø8x10(mm)
4 Electrical Characteristics
Part Number
DC
Spark-over
Voltage
@ 100V/S
Impulse
Spark-over
Voltage
@100V/
μs
Impulse
Spark-over
Voltage
@1KV/
μs
Insulation
Resistance
Impulse discharge
current(
8/20
μs)
AC discharge
current
(50Hz,1s,10ti
mes)
Capacitan
ce
(1MHz)
V
V
V
GΩ
10 Times
1 Time
A
PF
3R-75
75±20%
<500
<600
>1
20KA
25KA
20
≤1
3R-90
90±20%
<500
<600
>1
20KA
25KA
20
≤1
3R-150
150±20%
<500
<600
>1
20KA
25KA
20
≤1
3R-230
230±20%
<600
<700
>1
20KA
25KA
20
≤1
3R-250
250±20%
<600
<700
>1
20KA
25KA
20
≤1
3R-300
300±20%
<800
≤ 900
>1
20KA
25KA
20
≤1
3R-350
350±20%
<900
≤ 1000
>1
20KA
25KA
20
≤1
3R-400
400±20%
<900
≤ 1000
>1
20KA
25KA
20
≤1
3R-420
420±20%
<900
≤ 1000
>1
20KA
25KA
20
≤1
3R-470
470±20%
<1100
≤ 1200
>1
20KA
25KA
20
≤1
3R-500
500±20%
<1100
≤ 1200
>1
20KA
25KA
20
≤1
3R-600
600±20%
<1200
≤ 1300
>1
20KA
25KA
20
≤1
3R-800
800±20%
<1300
≤ 1400
>1
20KA
25KA
20
≤1
1
Table continues on next page
Revised:February 25,2014
www.huaandz.com


Similar Part No. - 3R150DF

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
3R150 HUAXINAN-3R150 Datasheet
171Kb / 2P
3-Electrode Gas Discharge Tubes
3R150 HUAXINAN-3R150 Datasheet
247Kb / 2P
3-Electrode Gas Discharge Tubes
logo
Shanghai Leiditech Elec...
3R150-5S LEIDITECH-3R150-5S Datasheet
1Mb / 4P
Extremely small size Extremely fast response time
3R150-5S LEIDITECH-3R150-5S Datasheet
1Mb / 4P
Extremely fast response time
3R150-6L LEIDITECH-3R150-6L Datasheet
545Kb / 4P
RoHS compliant and Lead-free
More results

Similar Description - 3R150DF

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
3R75F HUAXINAN-3R75F Datasheet
150Kb / 2P
3-Electrode Gas Discharge Tubes
3R75E HUAXINAN-3R75E Datasheet
153Kb / 2P
3-Electrode Gas Discharge Tubes
3R75B HUAXINAN-3R75B Datasheet
143Kb / 1P
3-Electrode Gas Discharge Tubes
H3R6P-75 HUAXINAN-H3R6P-75 Datasheet
222Kb / 2P
3-Electrode Gas Discharge Tubes
H3R7-75 HUAXINAN-H3R7-75 Datasheet
199Kb / 2P
3-Electrode Gas Discharge Tubes
HA3R5-75SMD HUAXINAN-HA3R5-75SMD Datasheet
273Kb / 2P
3-Electrode Gas Discharge Tubes
HA3R8-75H HUAXINAN-HA3R8-75H Datasheet
249Kb / 2P
3-Electrode Gas Discharge Tubes
HA3R8-75M HUAXINAN-HA3R8-75M Datasheet
247Kb / 2P
3-Electrode Gas Discharge Tubes
3R75 HUAXINAN-3R75_V01 Datasheet
247Kb / 2P
3-Electrode Gas Discharge Tubes
3R-75 HUAXINAN-3R-75_V01 Datasheet
247Kb / 2P
3-Electrode Gas Discharge Tubes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com