Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PAA110PL Datasheet(PDF) 4 Page - Clare, Inc.

Part # PAA110PL
Description  DUAL POLE OptoMOS Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA110PL Datasheet(HTML) 4 Page - Clare, Inc.

  PAA110PL Datasheet HTML 1Page - Clare, Inc. PAA110PL Datasheet HTML 2Page - Clare, Inc. PAA110PL Datasheet HTML 3Page - Clare, Inc. PAA110PL Datasheet HTML 4Page - Clare, Inc. PAA110PL Datasheet HTML 5Page - Clare, Inc. PAA110PL Datasheet HTML 6Page - Clare, Inc. PAA110PL Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.clare.com
4
PAA110L
Rev. 4
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact
our application department.
PAA110L
Typical LED Forward Voltage Drop
vs. Temperature
Temperature (
°C)
1.8
1.6
1.4
1.2
1.0
0.8
-40
-20
0
20
40
60
80
120
100
50mA
30mA
20mA
10mA
5mA
PAA110L
Typical Turn-Off vs. LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
0.070
0.060
0.050
0.040
0.030
0.020
0.010
0
50
PAA110L
Typical On-Resistance vs. Temperature
(Load Current = 150mADC; IF = 5mADC)
Temperature (
°C)
-40
30.00
25.00
20.00
15.00
10.00
5.00
0
-20
0
20
40
60
80
100
PAA110L
Typical IF for Switch Operation
vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
PAA110L
Typical IF for Switch Dropout
vs. Temperature
(Load Current = 150mADC)
Temperature (
°C)
-40
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
-20
0
20
40
60
80
100
PAA110L
Typical Load Current vs. Load Voltage
(Ambient Temperature = 25
°C)
IF = 5mADC
Load Voltage (V)
150
100
50
0
-50
-100
-150
-2.5 -2.0 -1.5 -1.0 -0.5
0
1.0
0.5
1.5 2.0 2.5
PAA110L
Energy Rating Curve
Time
1.2
1.0
0.8
0.6
0.4
0.2
0
10
µs
1ms
100ms
10s
100
µs
10ms
1s
100s
PAA110L
Typical Current Limiting vs. Temperature
IF = 5mADC
Temperature (
°C)
350.00
300.00
250.00
200.00
150.00
100.00
50.00
0
-40
-20
0
20
40
60
80
100
PAA110L
Typical Turn-On vs.LED Forward Current
(Load Current = 150mADC)
Forward Current (mA)
0
5
1015202530354045
0.30
0.25
0.20
0.15
0.10
0.05
0
50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com