Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B5V6SG-CB2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # BZT52B5V6SG-CB2-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BZT52B5V6SG-CB2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  BZT52B5V6SG-CB2-R Datasheet HTML 1Page - Unisonic Technologies BZT52B5V6SG-CB2-R Datasheet HTML 2Page - Unisonic Technologies BZT52B5V6SG-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BZT52B5V6S
DIODE
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R601-065.F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Power Dissipation (TA=25°C) (Note 1)
PD
200
mW
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
Notes:
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
1. Mounted on 5.0mm
2(.013mm thick) land areas.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Zener Voltage
VZ
5.49
5.6
5.71
V
Zener Impedance
ZZT
IZH=5.0mA
40
Ω
IZX=1.00mA
400
Ω
Reverse Leakage Current
IR
VR=1.0V
0.1
μA



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com