Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C6V2SG-CB2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # BZT52C6V2SG-CB2-R
Description  SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BZT52C6V2SG-CB2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  BZT52C6V2SG-CB2-R Datasheet HTML 1Page - Unisonic Technologies BZT52C6V2SG-CB2-R Datasheet HTML 2Page - Unisonic Technologies BZT52C6V2SG-CB2-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
BZT52CXXXS
Preliminary
ZENER DIODE
www.unisonic.com.tw
1 of 3
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R601-091.b
SURFACE MOUNT ZENER
DIODE
DESCRIPTION
The UTC BZT52CXXXS is surface mount zener diode. it uses
UTC’s advanced technology to provide the customers with low
leakage current, etc.
The UTC BZT52CXXXS is suitable for automated assembly
processes, etc.
FEATURES
* Low leakage current
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
BZT52C5V6SL-CB2-R
BZT52C5V6SG-CB2-R
SOD-323
A
K
Tape Reel
BZT52C6V2SL-CB2-R
BZT52C6V2SG-CB2-R
SOD-323
A
K
Tape Reel
BZT52C16SL-CB2-R
BZT52C16SG-CB2-R
SOD-323
A
K
Tape Reel
Note: Pin Assignment: A: Anode, K: Cathode
MARKING INFORMATION
PACKAGE
VOLTAGE CODE
MARKING
SOD-323
5.6: 5.6V
6.2: 6.2V
16: 16V


Similar Part No. - BZT52C6V2SG-CB2-R

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C6V2S DIODES-BZT52C6V2S Datasheet
54Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Micro Commercial Compon...
BZT52C6V2S MCC-BZT52C6V2S Datasheet
411Kb / 4P
200 mW Zener Diodes 2.4 to 39 Volts
logo
Continental Device Indi...
BZT52C6V2S CDIL-BZT52C6V2S Datasheet
186Kb / 3P
SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
BZT52C6V2S DIODES-BZT52C6V2S Datasheet
91Kb / 3P
SURFACE MOUNT ZENER DIODE
DS30093 Rev. 13 - 2
logo
Won-Top Electronics
BZT52C6V2S WTE-BZT52C6V2S Datasheet
57Kb / 5P
200mW SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C6V2SG-CB2-R

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
Surface Mount Zener Diode
logo
Galaxy Semi-Conductor H...
BZT52C2V0S BILIN-BZT52C2V0S Datasheet
228Kb / 4P
Surface mount zener diode
BZT52C2V4 BILIN-BZT52C2V4 Datasheet
232Kb / 4P
Surface mount zener diode
logo
Microdiode Semiconducto...
BZT52C2V7 CHENDA-BZT52C2V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C4V7 CHENDA-BZT52C4V7 Datasheet
283Kb / 4P
Surface mount zener diode
BZT52C8V2 CHENDA-BZT52C8V2 Datasheet
283Kb / 4P
Surface mount zener diode
logo
Shenzhen Luguang Electr...
MMSZ5221BS LUGUANG-MMSZ5221BS Datasheet
188Kb / 3P
Surface mount zener diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com