Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GI751 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GI751
Description  High Current Axial Plastic Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GI751 Datasheet(HTML) 1 Page - Vishay Siliconix

  GI751 Datasheet HTML 1Page - Vishay Siliconix GI751 Datasheet HTML 2Page - Vishay Siliconix GI751 Datasheet HTML 3Page - Vishay Siliconix GI751 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GI750, GI751, GI752, GI754, GI756, GI758
www.vishay.com
Vishay General Semiconductor
Revision: 01-Aug-13
1
Document Number: 88627
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Axial Plastic Rectifier
FEATURES
• Low forward voltage drop
• Low leakage current, IR less than 0.1 μA
• High forward current capability
• High forward surge capability
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in general purpose rectification of power supplies,
inverters, converters, and freewheeling diodes application.
Note
• These devices are not AEC-Q101 qualified.
MECHANICAL DATA
Case: P600, void-free molded epoxy body
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: Color band denotes cathode end
PRIMARY CHARACTERISTICS
IF(AV)
6.0 A
VRRM
50 V, 100 V, 200 V, 400 V, 600 V,
800 V
IFSM
400 A
IR
5.0 μA
VF
0.9 V, 0.95 V
TJ max.
150 °C
Package
P600
Diode variations
Single die
P600
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
GI750
GI751
GI752
GI754
GI756
GI758
UNIT
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
V
Maximum non-repetitive peak reverse voltage
VRSM
60
120
240
480
720
1200
V
Maximum average
forward rectified
current at
TA =60 °C, PCB mounting (fig. 1)
IF(AV)
6.0
A
TL = 60 °C,0.125" (3.18 mm)
lead length (fig. 2)
22
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
400
A
Operating junction and storage temperature range
TJ, TSTG
- 50 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
GI750
GI751
GI752
GI754
GI756
GI758
UNIT
Maximum instantaneous
forward voltage at
6.0 A
VF
0.90
0.95
V
100 A
1.25
1.30
Maximum DC reverse current
at rated DC blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 100 °C
1.0
mA
Typical reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
2.5
μs
Typical junction capacitance
4.0 V, 1 MHz
CJ
150
pF


Similar Part No. - GI751

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GI751 GE-GI751 Datasheet
38Kb / 2P
HIGH CURRENT PLASTIC RECTIFIER
logo
Vishay Siliconix
GI751 VISHAY-GI751 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
GI751 VISHAY-GI751 Datasheet
83Kb / 5P
High Current Axial Plastic Rectifier
28-Oct-09
GI751 VISHAY-GI751 Datasheet
82Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
More results

Similar Description - GI751

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
P600A TRSYS-P600A Datasheet
144Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
General Semiconductor
GI750 GE-GI750 Datasheet
38Kb / 2P
HIGH CURRENT PLASTIC RECTIFIER
logo
Pan Jit International I...
1N5400 PANJIT-1N5400_07 Datasheet
43Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
1N5400 PANJIT-1N5400_10 Datasheet
52Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
GI756-E354 VISHAY-GI756-E354 Datasheet
76Kb / 4P
High Current Axial Plastic Rectifier
28-Oct-09
logo
Yea Shin Technology Co....
1N5400G YEASHIN-1N5400G Datasheet
59Kb / 2P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750_15 Datasheet
83Kb / 5P
High Current Axial Plastic Rectifier
28-Oct-09
logo
Nantong Hornby Electron...
AR-ARS500X HORNBY-AR-ARS500X Datasheet
229Kb / 3P
HIGH CURRENT PLASTIC SILICON RECTIFIER
logo
Vishay Siliconix
GI750 VISHAY-GI750_V01 Datasheet
82Kb / 4P
High Current Axial Plastic Rectifier
01-Aug-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com