Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN7005L Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # LBN7005L
Description  70MHz Low-loss SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN7005L Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  LBN7005L Datasheet HTML 1Page - SIPAT Co,Ltd LBN7005L Datasheet HTML 2Page - SIPAT Co,Ltd LBN7005L Datasheet HTML 3Page - SIPAT Co,Ltd LBN7005L Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN7005L
Rev. Date
2007-05-22
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.1
Page 3/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
70MHz Low-loss SAW Filter
10MHz Bandwidth
Part Number: LBN7005L
Typical Performance
Frequency Respond
Passband Respond
45
50
55
60
65
70
75
80
85
90
95
-102.9297
-92.9297
-82.9297
-72.9297
-62.9297
-52.9297
-42.9297
-32.9297
-22.9297
-12.9297
-2.9297
Type Performance
Frequency(MHz)
3dB CF = 69.8822MHz
1dB = 9.3827MHz
3dB = 10.1192MHz
40dB = 12.6375MHz
Insert Loss = -12.9297dB
Passband Ripple = 0.41665dB
Ultim ate Rejection = 38.1452dB
Group Delay = 52.0833ns
Phase Linearity = 3.2971deg
Absolute Delay = 1382.63ns
Horizontal: 5MHz/Div
Vertical: 10dB/Div
55
60
65
70
75
80
85
-14.9297
-14.4297
-13.9297
-13.4297
-12.9297
-12.4297
-11.9297
-11.4297
Horizontal: 5MHz/Div
Vertical: 0.5dB/Div
Group Delay Variation(f0±4MHz)
Phase Linearity(f0±4MHz)
60
62
64
66
68
70
72
74
76
78
80
1100
1150
1200
1250
1300
1350
1400
1450
1500
1550
1600
X: 70
Y: 1388
Type Performance
Frequency(MHz)
X: 74
Y: 1385
X: 66
Y: 1384
Horizontal: 2MHz/Div
Vertical: 50ns/Div
60
62
64
66
68
70
72
74
76
78
80
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
X: 70
Y: -1.462
Type Performance
Frequency(MHz)
X: 74
Y: 0.7504
X: 66
Y: 0.04301
Horizontal: 2MHz/Div
Vertical: 2deg/Div
Smith Chart S11
Smith Chart S22
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0
+j0.2
-j0.2
+j0.5
-j0.5
+j1.0
-j1.0
+j2.0
-j2.0
+j5.0
-j5.0
0.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com