Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M7E01DRP2 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # M7E01DRP2
Description  New Models with Blanking Function Added to the Series
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7E01DRP2 Datasheet(HTML) 2 Page - Omron Electronics LLC

  M7E01DRP2 Datasheet HTML 1Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 2Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 3Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 4Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 5Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 6Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 7Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 8Page - Omron Electronics LLC M7E01DRP2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
M7E
Ordering Information
■ List of Models
■ Accessories (Order Separately)
End Plate
Note: The Right and Left Plates form a pair.
Spacer
Connector
Mother Board
Note: Refer to M7E Mother Board for Display Units (Character
Height: 14 mm) for details.
Display
contents
Display
color
Logic
Model
Unit
Red
---
M7E-01UR2-
@
(See note 3.)
Note: 1. Models with zero suppression are blank only when the display is 0
and the decimal is OFF by wiring as shown on page 12.
2. Models with blanking enable turning OFF a user-specified display
(0 to 9, a to f) by inputting a signal to the blank input terminal.
3. The symbol in the box (
@) indicates the code for the display
contents. Refer to page 13.
Green
---
M7E-01UG2-
@
(See note 3.)
Display
contents
Display
color
Type
Model
Model with Zero
Suppression
(See note 1.)
Model with
Blanking
(See note 2.)
±1
Red
Positive
---
M7E-01BRP2
Negative
---
M7E-01BRN2
Dynamic output ---
M7E-01BRD2
Green
Positive
---
M7E-01BGP2
Negative
---
M7E-01BGN2
Dynamic output ---
M7E-01BGD2
Decimal
Red
Positive
M7E-01DRP2
M7E-01DRP2-B
Negative
M7E-01DRN2
M7E-01DRN2-B
Dynamic output M7E-01DRD2
M7E-01DRD2-B
Green
Positive
M7E-01DGP2
M7E-01DGP2-B
Negative
M7E-01DGN2
M7E-01DGN2-B
Dynamic output M7E-01DGD2
M7E-01DGD2-B
Red/green
(two colors)
Negative
M7E-01DRGN2
M7E-01DRGN2-B
Hexadeci-
mal
Red
Positive
M7E-01HRP2
M7E-01HRP2-B
Negative
M7E-01HRN2
M7E-01HRN2-B
Green
Positive
M7E-01HGP2
M7E-01HGP2-B
Negative
M7E-01HGN2
M7E-01HGN2-B
Connectable PLCs
❍: Connectable
×: Not connectable
: Connectable (See note.)
Note: Connectable but an external resistor is required and
only 24 VDC must be supplied.
Refer to External Connections on page 9 and 10 for details.
M7E model
PLC output method
Display
contents
Type
Static output
Dynamic
output
PNP
output
NPN
output
±1,
decimal
Positive
❍
Negative
×
❍
×
Dynamic output
××
❍
Hexa-
decimal
Positive
❍
Negative
×
❍
×
Unit
---
❍ (only voltage imposed)
Case color
Item
Model
Light gray
M7E-012M
Black
M7E-012M-1
Case color
Item
Model
Light gray
M7E-012PA
Black
M7E-012PA-1
Terminal
Model
Solder
terminal
NRT-C
Solder
terminal
NRT-CN
PCB terminal
NRT-CP
Type
Number of digits
Model
Static
4
M7E-01MB4-S2
Static
3
M7E-01MB3-S2
Static
2
M7E-01MB2-S2
http://www.ia.omron.com/
2
(c)Copyright OMRON Corporation 2007 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com