Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLB150 Datasheet(PDF) 2 Page - Clare, Inc.

Part # PLB150
Description  SINGLE POLE OptoMOS Relay
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLB150 Datasheet(HTML) 2 Page - Clare, Inc.

  PLB150 Datasheet HTML 1Page - Clare, Inc. PLB150 Datasheet HTML 2Page - Clare, Inc. PLB150 Datasheet HTML 3Page - Clare, Inc. PLB150 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.clare.com
PLB150
Rev. 3
Absolute Maximum Ratings are stress ratings. Functional
operation of the device at these or any other conditions
beyond those indicated in the operational sections of this
data sheet is not implied. Exposure of the device to the
absolute maximum ratings for an extended period may
degrade the device and effect its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Electrical Characteristics
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
Output Characteristics @ 25°C
Load Voltage (Peak)
-
V
L
-
-
250
V
Load Current* (Continuous)
AC/DC Configuration
-
I
L
-
-
250
mA
DC Configuration
I
L
-
-
350
mA
Peak Load Current
10ms
I
LPK
-
-
500
mA
On-Resistance
AC/DC Configuration
I
L=250mA
R
ON
--
7
Ω
DC Configuration
I
l-350mA
R
ON
--
3
Ω
Off-State Leakage Current
V
L=250V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
-
-
1.0
ms
Turn-Off
I
F=5mA, VL=10V
T
OFF
-
-
2.5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-
110
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L= 250mA
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F= 5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
*NOTE: If both poles operate simultaneously load current must be derated so as not to exceed the package power dissipation value.
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Capacitance
Input to Output
-
3
-
pF
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
-
-
-
-
DIP Package
-
-
+260
°C
Flatpack/Surface Mount Pkg
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com