Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH16N50D2 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTH16N50D2
Description  Depletion Mode MOSFETs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH16N50D2 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTH16N50D2 Datasheet HTML 1Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 2Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 3Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 4Page - IXYS Corporation IXTH16N50D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2013 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSX
T
J
= 25
°C to 150°C
500
V
V
DGX
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSX
Continuous
±20
V
V
GSM
Transient
±30
V
P
D
T
C = 25°C
695
W
T
J
- 55 ... +150
°C
T
JM
150
°C
T
stg
- 55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-247)
1.13 / 10
Nm/lb.in.
Weight
TO-247
6
g
TO-268
4
g
DS100261B(03/13)
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSX
V
GS = - 5V, ID = 250μA
500
V
V
GS(off)
V
DS = 25V, ID = 4mA
- 2.0
- 4.0
V
I
GSX
V
GS = ±20V, VDS = 0V
±100 nA
I
DSX(off)
V
DS = VDSX, VGS = - 5V
10
μA
T
J = 125°C
150
μA
R
DS(on)
V
GS = 0V, ID = 8A, Note 1
300 m
Ω
I
D(on)
V
GS = 0V, VDS = 25V, Note 1
16
A
Depletion Mode
MOSFETs
N-Channel
IXTH16N50D2
IXTT16N50D2
V
DSX
=
500V
I
D(on)
>
16A
R
DS(on) ≤
≤≤≤≤
300m
Ω
Ω
Ω
Ω
Ω
Features
• Normally ON Mode
• International Standard Packages
• Molding Epoxies Meet UL94V-0
Flammability Classification
Advantages
• Easy to Mount
• Space Savings
• High Power Density
Applications
• Audio Amplifiers
• Start-up Circuits
• Protection Circuits
• Ramp Generators
• Current Regulators
• Active Loads
G = Gate
D
= Drain
S = Source
Tab = Drain
TO-247 (IXTH)
TO-268 (IXTT)
G
S
D (Tab)
S
G
D (Tab)
D


Similar Part No. - IXTH16N50D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTH16N50D2 IXYS-IXTH16N50D2 Datasheet
165Kb / 6P
N-Channel MOSFET
IXTH16N50D2 IXYS-IXTH16N50D2_17 Datasheet
165Kb / 6P
N-Channel MOSFET
More results

Similar Description - IXTH16N50D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA6N50D2 IXYS-IXTA6N50D2 Datasheet
193Kb / 5P
Depletion Mode MOSFET
IXTY1R6N100D2 IXYS-IXTY1R6N100D2 Datasheet
184Kb / 5P
Depletion Mode MOSFET
IXTP3N100D2 IXYS-IXTP3N100D2 Datasheet
167Kb / 5P
Depletion Mode MOSFETs
AN-500 IXYS-AN-500 Datasheet
190Kb / 10P
Depletion-Mode Power MOSFETs and Applications
CPC3703 IXYS-CPC3703 Datasheet
118Kb / 5P
Depletion-Mode FET
CPC3708 IXYS-CPC3708 Datasheet
131Kb / 6P
Depletion Mode FET
CPC3730 IXYS-CPC3730 Datasheet
124Kb / 5P
Depletion-Mode FET
CPC3902 IXYS-CPC3902 Datasheet
137Kb / 6P
Depletion-Mode FET
logo
Dongguan Pingjingsemi T...
PJM60H12MNSA PJSEMI-PJM60H12MNSA Datasheet
1Mb / 6P
N- Channel Depletion mode MOSFETS
Revision-1.0 Oct-2018
logo
Zhaoxingwei Electronics...
LND150N8-G ZHAOXINGWEI-LND150N8-G Datasheet
3Mb / 5P
N- Channel Depletion Mode MOSFETS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com