Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM1205STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # PM1205STR
Description  AC Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PM1205STR Datasheet(HTML) 2 Page - Clare, Inc.

  PM1205STR Datasheet HTML 1Page - Clare, Inc. PM1205STR Datasheet HTML 2Page - Clare, Inc. PM1205STR Datasheet HTML 3Page - Clare, Inc. PM1205STR Datasheet HTML 4Page - Clare, Inc. PM1205STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
PM1205
Rev. 5
Electrical Characteristics
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at these or
any other conditions beyond those indicated in the opera-
tional sections of this data sheet is not implied. Exposure
of the device to the absolute maximum ratings for an
extended period may degrade the device and effect its
reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameters
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
AC Operating Voltage
V
T
-
20
-
240
V
RMS
Peak Blocking Voltage
-
V
DRM
-
-
500
V
Load Current (Continuous)
V
L=120-240VAC
I
L
0.005
-
0.5
A
Off State Leakage Current
V
DRM
I
LEAK
--
1
mA
On-State Voltage Drop
-
-
-
1.4
V
RMS
Critical Rate of Rise
-
dv/dt
1000
1200
-
V/µS
Switching Speeds
Turn-on
I
F=5 mA
T
ON
-
-
0.5
cycles
Turn-off
I
F=5 mA
T
OFF
-
-
0.5
cycles
Zero-Cross Turn-On Voltage
1st half cycle
-
2
5
V
Sub. half cycle
-
-
1
V
Operating Frequency1
-
20
-
500
Hz
Load Power Factor for
Guaranteed Turn-On2
-
PF
0.25
-
-
-
Input Characteristics @ 25°C
Input Control Current
For Normal Environment
-
I
F
5-
50
mA
For High Noise Environment
-
I
F
10
-
100
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Input Drop-out Voltage
-
0.8
-
-
V
Reverse Input Current
V
R=5V
I
R
--
10
mA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
Input to Output Isolation
-
V
I/O
3750
-
-
V
RMS
1 Zero Cross 1st half cycle @ <100Hz
2 Snubber circuits may be required at low power factors.
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Package Dissipation
PM
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mW/˚C
2 Derate Linearly 6.67 mW/˚C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com