Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS112 Datasheet(PDF) 1 Page - Clare, Inc.

Part # TS112
Description  Multifunction Telecom Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS112 Datasheet(HTML) 1 Page - Clare, Inc.

  TS112 Datasheet HTML 1Page - Clare, Inc. TS112 Datasheet HTML 2Page - Clare, Inc. TS112 Datasheet HTML 3Page - Clare, Inc. TS112 Datasheet HTML 4Page - Clare, Inc. TS112 Datasheet HTML 5Page - Clare, Inc. TS112 Datasheet HTML 6Page - Clare, Inc. TS112 Datasheet HTML 7Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
www.clare.com
TS112
DS-TS112-R1
TS112 is a 350V, 120mA, 20
Ω 1-Form-A relay with an
optocouper in a single package for telecom applications.
It features lower on-resistance and high sensitivity.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Small 8 Pin SOIC Narrow Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 1500V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Tape & Reel Version Available
Applications
Features
• UL Recognized: File Number Pending
• CSA Certified: File Number Pending
• BSI Certified: Pending
Approvals
• Narrow Package
• TR: Tape & Reel
Options/Suffixes
Description
Multifunction Telecom Switch
Pin Configuration
1
2
3
4
8
7
6
5
TS112 Pinout
+ LED - Relay
– LED - Relay
Collector - Phototransistor
Emitter - Phototransistor
Load - Relay (MOSFET Output)
Load - Relay (MOSFET Output)
LED - Phototransistor –/+
LED - Phototransistor +/–
Ordering Information
Part #
Description
TS112
8 Pin SOIC (50/Tube)
TS112TR
8 Pin SOIC Tape & Reel (1000/Reel)
TS112
Units
Load Voltage
350
V
Load Current
120
mA
Max R
ON
20
Ω


Similar Part No. - TS112

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1123 TSC-TS1123 Datasheet
199Kb / 4P
Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX512C0 TSC-TS1123CX512C0 Datasheet
199Kb / 4P
Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX515C0 TSC-TS1123CX515C0 Datasheet
199Kb / 4P
Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX533C0 TSC-TS1123CX533C0 Datasheet
199Kb / 4P
Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS1123CX550C0 TSC-TS1123CX550C0 Datasheet
199Kb / 4P
Ultra Low Dropout Voltage Regulator Driver with Enable Function
More results

Similar Description - TS112

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS112N CLARE-TS112N Datasheet
405Kb / 7P
Multifunction Telecom Switch
TS117 CLARE-TS117 Datasheet
122Kb / 8P
Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
Multifunction Telecom Switch
TS118 CLARE-TS118 Datasheet
120Kb / 8P
Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
Multifunction Telecom Switch
XS170 CLARE-XS170 Datasheet
100Kb / 7P
Multifunction Telecom Switch
logo
IXYS Corporation
TS117L IXYS-TS117L Datasheet
141Kb / 8P
Multifunction Telecom Switch
TS120 IXYS-TS120 Datasheet
142Kb / 8P
Multifunction Telecom Switch
TS122 IXYS-TS122 Datasheet
140Kb / 8P
Multifunction Telecom Switch
logo
Clare, Inc.
TS120L CLARE-TS120L Datasheet
147Kb / 8P
Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com