Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS118 Datasheet(PDF) 1 Page - Clare, Inc.

Part # TS118
Description  Multifunction Telecom Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS118 Datasheet(HTML) 1 Page - Clare, Inc.

  TS118 Datasheet HTML 1Page - Clare, Inc. TS118 Datasheet HTML 2Page - Clare, Inc. TS118 Datasheet HTML 3Page - Clare, Inc. TS118 Datasheet HTML 4Page - Clare, Inc. TS118 Datasheet HTML 5Page - Clare, Inc. TS118 Datasheet HTML 6Page - Clare, Inc. TS118 Datasheet HTML 7Page - Clare, Inc. TS118 Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
www.clare.com
TS118
DS-TS118-R4
TS118 is a 350V, 120mA, 35
Ω 1-Form-B relay with an
optocoupler in a single package. It provides a solution in
telecom applications where a normally closed relay is
preferred.
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified:
• BS EN 60950:1992 (BS7002:1992)
Certificate #:7344
• BS EN 41003:1993
Certificate #:7344
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• FCC Compatible
• VDE Compatible
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
Applications
Features
Description
Approvals
Multifunction Telecom Switch
Ordering Information
Part #
Description
TS118
8 Pin DIP (50/Tube)
TS118P
8 Pin Flatpack (50/Tube)
TS118PTR
8 Pin Flatpack Tape & Reel (50/Tube)
TS118S
8 Pin Surface Mount (50/Tube)
TS118STR
8 Pin Surface Mount Tape & Reel
(50/Tube)
TS118
Units
Load Voltage
350
V
Load Current
120
mA
Max R
ON
35
Ω
Pin Configuration
1
2
3
4
8
7
6
5
TS118 Pinout
+ LED - Relay
– LED - Relay
Collector - Phototransistor
Emitter - Phototransistor
Load - Relay (MOSFET Output)
Load - Relay (MOSFET Output)
LED - Phototransistor –/+
LED - Phototransistor +/–


Similar Part No. - TS118

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
TS118 IXYS-TS118 Datasheet
140Kb / 8P
Multifunction Telecom Switch
TS118P IXYS-TS118P Datasheet
140Kb / 8P
Multifunction Telecom Switch
TS118PTR IXYS-TS118PTR Datasheet
140Kb / 8P
Multifunction Telecom Switch
TS118S IXYS-TS118S Datasheet
140Kb / 8P
Multifunction Telecom Switch
TS118STR IXYS-TS118STR Datasheet
140Kb / 8P
Multifunction Telecom Switch
More results

Similar Description - TS118

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TS112 CLARE-TS112 Datasheet
115Kb / 7P
Multifunction Telecom Switch
TS112N CLARE-TS112N Datasheet
405Kb / 7P
Multifunction Telecom Switch
TS117 CLARE-TS117 Datasheet
122Kb / 8P
Multifunction Telecom Switch
TS117L CLARE-TS117L Datasheet
123Kb / 8P
Multifunction Telecom Switch
TS190L CLARE-TS190L Datasheet
442Kb / 8P
Multifunction Telecom Switch
XS170 CLARE-XS170 Datasheet
100Kb / 7P
Multifunction Telecom Switch
logo
IXYS Corporation
TS117L IXYS-TS117L Datasheet
141Kb / 8P
Multifunction Telecom Switch
TS120 IXYS-TS120 Datasheet
142Kb / 8P
Multifunction Telecom Switch
TS122 IXYS-TS122 Datasheet
140Kb / 8P
Multifunction Telecom Switch
logo
Clare, Inc.
TS120L CLARE-TS120L Datasheet
147Kb / 8P
Multifunction Telecom Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com