Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS122P Datasheet(PDF) 2 Page - Clare, Inc.

Part # TS122P
Description  Single Pole OptoMOS Relay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

TS122P Datasheet(HTML) 2 Page - Clare, Inc.

  TS122P Datasheet HTML 1Page - Clare, Inc. TS122P Datasheet HTML 2Page - Clare, Inc. TS122P Datasheet HTML 3Page - Clare, Inc. TS122P Datasheet HTML 4Page - Clare, Inc. TS122P Datasheet HTML 5Page - Clare, Inc. TS122P Datasheet HTML 6Page - Clare, Inc. TS122P Datasheet HTML 7Page - Clare, Inc. TS122P Datasheet HTML 8Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.clare.com
TS122
Rev. 7
Absolute Maximum Ratings are stress ratings. Stresses
in excess of these ratings can cause permanent damage
to the device. Functional operation of the device at these
or any other conditions beyond those indicated in the
operational sections of this data sheet is not implied.
Exposure of the device to the absolute maximum ratings
for an extended period may degrade the device and effect
its reliability.
Absolute Maximum Ratings (@ 25˚ C)
2
Parameter
Min
Typ
Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Isolation Voltage
Input to Output
3750
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Flatpack/Surface Mount
Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Electrical Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Relay Portion (Pins 7, 8)
Output Characteristics @ 25°C
Load Voltage (Peak)
-
VL
-
-
250
V
Load Current (Continuous)
-
IL
-
-
170
mA
Peak Load Current
10ms
ILPK
-
-
400
mA
On-Resistance
IL=170mA
RON
-
12
20
Ω
Off-State Leakage Current
VL=250V
ILEAK
-
-
1
µA
Switching Speeds
Turn-On
IF=5mA, VL=10V
TON
-
-
5.0
ms
Turn-Off
IF=5mA, VL=10V
TOFF
-
-
5.0
ms
Output Capacitance
50V; f=1MHz
COUT
-
50
-
pF
Relay Portion (Pins 1, 2)
Input Characteristics @ 25°C
Input Control Current
IL=170mA
IF
5
-
50
mA
Input Dropout Current
-
IF
0.4
0.7
-
mA
Input Voltage Drop
IF=5mA
VF
0.9
1.2
1.4
V
Reverse Input Voltage
-
VR
-
-
5
V
Reverse Input Current
VR=5V
IR
-
-
10
µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com