Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SA1978 Datasheet(PDF) 5 Page - NEC

Part # 2SA1978
Description  PNP EPITAXIAL SILICON TRANSISTOR MICROWAVE AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SA1978 Datasheet(HTML) 5 Page - NEC

  2SA1978 Datasheet HTML 1Page - NEC 2SA1978 Datasheet HTML 2Page - NEC 2SA1978 Datasheet HTML 3Page - NEC 2SA1978 Datasheet HTML 4Page - NEC 2SA1978 Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
2SA1978
S-PARAMETER
3 GHZ
3 GHZ
VCE = –10 V, IC = –15 mA
f = 100 MHZ
f = 100 MHZ
VCE = –1 V, IC = –5 mA
3 GHZ
VCE = –10 V, IC = –15 mA
VCE = –1 V, IC = –5 mA
100 MHZ
100 MHZ
3 GHZ
S22
S11



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com