Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XCB170STR Datasheet(PDF) 1 Page - Clare, Inc.

Part # XCB170STR
Description  Single Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

XCB170STR Datasheet(HTML) 1 Page - Clare, Inc.

  XCB170STR Datasheet HTML 1Page - Clare, Inc. XCB170STR Datasheet HTML 2Page - Clare, Inc. XCB170STR Datasheet HTML 3Page - Clare, Inc. XCB170STR Datasheet HTML 4Page - Clare, Inc. XCB170STR Datasheet HTML 5Page - Clare, Inc. XCB170STR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part #
Description
XCB170
6 Pin DIP (50/Tube)
XCB170S
6 Pin Surface Mount (50/Tube)
XCB170STR
6 Pin Surface Mount (1000/Reel)
XCB170
Units
Load Voltage
350
V
Load Current
100
mA
Max R
ON
50
Ω
www.clare.com
DS-XBA170-R2.0
XCB170
Single Pole OptoMOS® Relays
1
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Small 6 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel
Versions Available
The XCB170 is a 1-Form-B relay which uses optically
coupled MOSFET technology to provide 3750V of
input to output isolation. The efficient MOSFET switch-
es and photovoltaic die use Clare’s patented
OptoMOS® architecture. A highly efficient GaAIAs
infrared LED controls the optically coupled input. The
device is available in small 6-pin dual in line package
in standard through hole and surface mount lead bend.
• UL Recognized: File Number E76270
• CSA Certified: File Number LR 43639-10
• BSI Certified to:
• BS EN 60950:1992 (BS7002:1992)
Certificate #: 7344
• BS EN 41003:1993
Certificate #: 7344
1
3
2
4
5
6
+ Control
– Control
Do Not Use
Load
Do Not Use
Load
AC/DC Configuration
XCB170 Pinout
1
3
2
4
5
6
+ Control
– Control
Do Not Use
+ Load
– Load
DC Only Configuration
XCB170 Pinout
Switching Characteristics of
Normally Closed (Form B) Devices
CONTROL
10ms
10%
90%
90%
+
+
TON
TOFF
+


Similar Part No. - XCB170STR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XCB1A4W1000 ETC2-XCB1A4W1000 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D871000 ETC2-XCB1D871000 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D87K1000 ETC2-XCB1D87K1000 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D87K1000B ETC2-XCB1D87K1000B Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
XCB1D921000 ETC2-XCB1D921000 Datasheet
97Kb / 2P
24 AWG solid bare copper conductors, twisted pair, PVC insulation
More results

Similar Description - XCB170STR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA126 CLARE-LCA126 Datasheet
100Kb / 6P
Single Pole OptoMOS Relays
PAA110 CLARE-PAA110 Datasheet
148Kb / 7P
Single Pole OptoMOS Relays
PAA140 CLARE-PAA140 Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
PLA110 CLARE-PLA110 Datasheet
482Kb / 6P
Single Pole OptoMOS Relays
PLA132 CLARE-PLA132 Datasheet
75Kb / 4P
SINGLE POLE OptoMOS Relays
PLA140L CLARE-PLA140L Datasheet
138Kb / 6P
Single Pole OptoMOS Relays
LBA126L CLARE-LBA126L Datasheet
117Kb / 4P
Single Pole OptoMOS Relays
LCA712 CLARE-LCA712 Datasheet
277Kb / 6P
Single Pole OptoMOS Relays
PLA192 CLARE-PLA192 Datasheet
483Kb / 5P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PLA191 IXYS-PLA191 Datasheet
122Kb / 7P
Single Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com