Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W130 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W130
Description  Spread Spectrum Desktop/Notebook System Clock
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W130 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W130 Datasheet HTML 1Page - Cypress Semiconductor W130 Datasheet HTML 2Page - Cypress Semiconductor W130 Datasheet HTML 3Page - Cypress Semiconductor W130 Datasheet HTML 4Page - Cypress Semiconductor W130 Datasheet HTML 5Page - Cypress Semiconductor W130 Datasheet HTML 6Page - Cypress Semiconductor W130 Datasheet HTML 7Page - Cypress Semiconductor W130 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
W130
PRELIMINARY
2
Pin Definitions
Pin Name
Pin
No.
Pin
Type
Pin Description
CPU0:5
42, 41, 40,
39, 36, 35
O
CPU Clock Outputs 0 through 5: These six CPU clock outputs are controlled by
the CPU_STOP# control pin. Output voltage swing is controlled by voltage applied
to VDDQ2.
PCI1:7
8, 10, 11, 13,
14, 16, 17
O
PCI Bus Clock Outputs 1 through 7: These seven PCI clock outputs are controlled
by the PCI_STOP# control pin. Output voltage swing is controlled by voltage applied
to VDDQ3.
PCI_F
7
O
Fixed PCI Clock Output: Unlike PCI1:7 outputs, this output is not controlled by the
PCI_STOP# control pin. Output voltage swing is controlled by voltage applied to
VDDQ3.
CPU_STOP#
30
I
CPU_STOP# Input: When brought LOW, clock outputs CPU0:5 are stopped LOW
after completing a full clock cycle (2–3 CPU clock latency). When brought HIGH,
clock outputs CPU0:5 start beginning with a full clock cycle (2–3 CPU clock latency).
PCI_STOP#
31
I
PCI_STOP# Input: The PCI_STOP# input enables the PCI 1:7 outputs when HIGH
and causes them to remain at logic 0 when LOW. The PCI_STOP signal is latched
on the rising edge of PCI_F. Its effects take place on the next PCI_F clock cycle.
SPREAD#
28
I
SPREAD# Input: When brought LOW this pin activates Spread Spectrum clocking.
APIC0:1
45, 44
O
I/O APIC Clock Outputs: Provides 14.318-MHz fixed frequency. The output volt-
age swing is controlled by VDDQ2.
48MHz
22, 23
O
48-MHz Outputs: Fixed clock outputs at 48 MHz. Output voltage swing is controlled
by voltage applied to VDDQ3.
REF0:2
1, 2, 47
O
Fixed 14.318-MHz Outputs 0 through 2: Used for various system applications.
Output voltage swing is controlled by voltage applied to VDDQ3.
SEL100/66#
SEL1, SEL0
25, 26, 27
I
Frequency Selection Input: Selects power-up default CPU clock frequency as
shown in Table 1 on page 1.
X1
4
I
Crystal Connection or External Reference Frequency Input: Connect to either
a 14.318-MHz crystal or reference signal.
X2
5
I
Crystal Connection: An input connection for an external 14.318-MHz crystal. If
using an external reference, this pin must be left unconnected.
PWR_DWN#
29
I
Power Down Control: When this input is LOW, device goes into a low-power con-
dition. All outputs are held LOW while in power-down. CPU and PCI clock outputs
are stopped LOW after completing a full clock cycle (2–3 CPU clock cycle latency).
When brought HIGH, CPU, SDRAM and PCI outputs start with a full clock cycle at
full operating frequency (3 ms maximum latency).
VDDQ3
9, 15, 19, 21,
33, 48
P
Power Connection: Power supply for core logic, PLL circuitry, PCI output buffers,
reference output buffers, and 48-MHz output buffers. Connected to 3.3V supply.
VDDQ2
37,43,46
P
Power Connection: Power supply for APIC0:1and CPU0:5 output buffers. Con-
nected to 2.5V supply.
GND
3, 6, 12, 18,
20, 24, 32,
34, 38
G
Ground Connection: Connect all ground pins to the common system ground
plane.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com