Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN07403 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN07403
Description  74MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN07403 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN07403 Datasheet HTML 1Page - SIPAT Co,Ltd LBN07403 Datasheet HTML 2Page - SIPAT Co,Ltd LBN07403 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN07403
Rev. Date
2006-8-13
SIPAT Co., Ltd.
( CETC No. 26 Research Institute )
Nanping Huayuan Road No. 14
Chongqing, China, 400060
Rev.
1.0
Page 1/3
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
74MHz SAW Filter
8MHz Bandwidth
Part Number: LBN07403
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
73.9
74
74.1
Insertion Loss
dB
-
25.7
27
1 dB Bandwidth
MHz
7.5
7.67
-
3 dB Bandwidth
MHz
8
8.1
-
40 dB Bandwidth
MHz
-
9.67
9.8
50 dB Bandwidth
MHz
-
9.83
-
Passband Variation(f0±3.5MHz)
dB
-
0.3
0.7
Absolute Delay
usec
-
2.05
-
Phase Linearity(f0±3.5MHz)
deg
-
3
4
Group Delay Variation(f0±3.5MHz)
nsec
-
40
70
Ultimate Rejection
dB
50
60
-
Material Temperature coefficient
KHz/°C
-6.068
Ambient Temperature
°C
25
Package Size
DIP2712
(27.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
C1=56pF
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
C1
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN07403

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07403 SIPAT-LBN07403 Datasheet
274Kb / 3P
74MHz SAW Filter 8MHz Bandwidth
More results

Similar Description - LBN07403

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN07403 SIPAT-LBN07403 Datasheet
274Kb / 3P
74MHz SAW Filter 8MHz Bandwidth
LBS07405 SIPAT-LBS07405 Datasheet
138Kb / 3P
74MHz SAW Filter 4MHz Bandwidth
LBN07404 SIPAT-LBN07404 Datasheet
138Kb / 3P
74MHz SAW Filter 7MHz Bandwidth
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBN07404 SIPAT-LBN07404 Datasheet
144Kb / 3P
74MHz SAW Filter
LBS07405 SIPAT-LBS07405 Datasheet
143Kb / 3P
74MHz SAW Filter 4MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com