Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W150 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W150
Description  440BX AGPset Spread Spectrum Frequency Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W150 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W150 Datasheet HTML 1Page - Cypress Semiconductor W150 Datasheet HTML 2Page - Cypress Semiconductor W150 Datasheet HTML 3Page - Cypress Semiconductor W150 Datasheet HTML 4Page - Cypress Semiconductor W150 Datasheet HTML 5Page - Cypress Semiconductor W150 Datasheet HTML 6Page - Cypress Semiconductor W150 Datasheet HTML 7Page - Cypress Semiconductor W150 Datasheet HTML 8Page - Cypress Semiconductor W150 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
W150
PRELIMINARY
2
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CPU1:2
51, 49
O
CPU Outputs 1 and 2: Frequency is set by the FS0:3 inputs or through serial input
interface, see Tables 2 and 6. These outputs are affected by the CLK_STOP# input.
CPU_F
52
O
Free-Running CPU Output: Frequency is set by the FS0:3 inputs or through serial
input interface, see Tables 2 and 6. This output is not affected by the CLK_STOP# input.
PCI1:5
11, 12, 13, 14,
16
O
PCI Outputs 1 through 5: Frequency is set by the FS0:3 inputs or through serial input
interface, see Tables 2 and 6. These outputs are affected by the PCI_STOP# input.
PCI0/FS3
9
I/O
PCI Output/Frequency Select Input: As an output, frequency is set by the FS0:3
inputs or through serial input interface, see Tables 2 and 6. This output is affected by
the PCI_STOP# input. When an input, latches data selecting the frequency of the CPU
and PCI outputs.
PCI_F/MODE
8
I/O
Free Running PCI Output: Frequency is set by the FS0:3 inputs or through serial input
interface, see Tables 2 and 6. This output is not affected by the PCI_STOP# input. When
an input, selects function of pin 3 as described in Table 1.
CLK_STOP#
47
I
CLK_STOP# Input: When brought LOW, affected outputs are stopped LOW after com-
pleting a full clock cycle (2–3 CPU clock latency). When brought HIGH, affected outputs
start beginning with a full clock cycle (2–3 CPU clock latency).
IOAPIC_F
54
O
Free-running IOAPIC Output: This output is a buffered version of the reference input
which is not affected by the CPU_STOP# logic input. It’s swing is set by voltage applied
to VDDQ2.
IOAPIC0
55
I/O
IOAPIC Output: Provides 14.318-MHz fixed frequency. The output voltage swing is set
by voltage applied to VDDQ2. This output is disabled when CLK_STOP# is set LOW.
48MHz/FS1
29
I/O
48-MHz Output: 48 MHz is provided in normal operation. In standard systems, this
output can be used as the reference for the Universal Serial Bus. Upon power up, FS1
input will be latched, setting output frequencies as described in Table 2.
24MHz/FS0
30
I/O
24-MHz Output: 24 MHz is provided in normal operation. In standard systems, this
output can be used as the clock input for a Super I/O chip. Upon power up, FS0 input
will be latched, setting output frequencies as described in Table 2.
REF1/FS2
2
I/O
Reference Output: 14.318 MHz is provided in normal operation. Upon power-up, FS2
input will be latched, setting output frequencies as described in Table 2.
REF0
(PCI_STOP#)
3I/O
Fixed 14.318-MHz Output 0 or PCI_STOP# Pin: Function determined by MODE pin.
The PCI_STOP# input enables the PCI 0:5 outputs when HIGH and causes them to
remain at logic 0 when LOW. The PCI_STOP signal is latched on the rising edge of
PCI_F. Its effects take place on the next PCI_F clock cycle. As an output, this pin
provides a fixed clock signal equal in frequency to the reference signal provided at the
X1/X2 pins (14.318 MHz).
SDRAMIN
17
I
Buffered Input Pin: The signal provided to this input pin is buffered to 17 outputs
(SDRAM0:15, SDRAM_F).
SDRAM0:15
44, 43, 41, 40,
39, 38, 36, 35,
22, 21, 19, 18,
33, 32, 25, 24
O
Buffered Outputs: These sixteen dedicated outputs provide copies of the signal pro-
vided at the SDRAMIN input. The swing is set by VDDQ3, and they are deactivated
when CLK_STOP# input is set LOW.
SDRAM_F
46
O
Free-Running Buffered Output: This output provides a single copy of the SDRAMIN
input. The swing is set by VDDQ3; this signal is unaffected by the CLK_STOP# input.
SCLK
28
I
Clock pin for I2C circuitry.
SDATA
27
I/O
Data pin for I2C circuitry.
X1
5
I
Crystal Connection or External Reference Frequency Input: This pin has dual func-
tions. It can be used as an external 14.318MHz crystal connection or as an external
reference frequency input.
X2
6
I
Crystal Connection: An input connection for an external 14.318-MHz crystal. If using
an external reference, this pin must be left unconnected.
VDDQ3
1, 7, 15, 20,
31, 37, 45
P
Power Connection: Power supply for core logic, PLL circuitry, SDRAM output buffers,
PCI output buffers, reference output buffers, and 48-MHz/24-MHz output buffers. Con-
nect to 3.3V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com