Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W155 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W155
Description  Spread Spectrum Frequency Timing Generator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W155 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W155 Datasheet HTML 1Page - Cypress Semiconductor W155 Datasheet HTML 2Page - Cypress Semiconductor W155 Datasheet HTML 3Page - Cypress Semiconductor W155 Datasheet HTML 4Page - Cypress Semiconductor W155 Datasheet HTML 5Page - Cypress Semiconductor W155 Datasheet HTML 6Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
W155
2
Pin Definitions
Pin Name
Pin No.
Pin Type
Pin Description
USBCLK/
SS%
14
I/O
USB Clock Output/Modulation Width Selection Input: When an input; if spread
spectrum feature is enabled, this pin is used to select the amount of frequency
variation on the SYSCLK output (see Table 2). Wider variations result in greater
peak EMI reduction. When an output: supplies a non-spread 48-MHz signal for
USB support.
SYSCLK
12
O
System Clock Output: Frequency is selected per Table 1. Spread spectrum fea-
ture is controlled by pins 9 & 14.
FS0:3
10, 8, 7, 5
I
Frequency Select Pins: These pins set the frequency of the signal provided at
the SYSCLK output.
SSON#
9
I
Spread Spectrum Control (active LOW): Pulling this input signal HIGH turns the
internal modulating waveform off. This pin has an internal pull-down resistor.
X1
2
I
Crystal Connection or External Reference Frequency Input: This pin has dual
functions. It can be used as either an external crystal connection, or as an external
reference frequency input.
X2
3
I
Crystal Connection: If using an external reference, this pin must be left uncon-
nected.
TEST
16
I
Test Mode: For normal operation, tie this pin to ground.
VDD
1, 6, 15
P
Power Connection: Connected to either 3.3V or 5.0V power supply. All VDD pins
must be the same voltage level.
GND
4, 11, 13
G
Ground Connection: Connect to the common system ground plane.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com