Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W161 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W161
Description  133-MHz Spread Spectrum FTG for Pentium II Platforms
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W161 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W161 Datasheet HTML 1Page - Cypress Semiconductor W161 Datasheet HTML 2Page - Cypress Semiconductor W161 Datasheet HTML 3Page - Cypress Semiconductor W161 Datasheet HTML 4Page - Cypress Semiconductor W161 Datasheet HTML 5Page - Cypress Semiconductor W161 Datasheet HTML 6Page - Cypress Semiconductor W161 Datasheet HTML 7Page - Cypress Semiconductor W161 Datasheet HTML 8Page - Cypress Semiconductor W161 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRELIMINARY
133-MHz Spread Spectrum FTG for Pentium® II Platforms
W161
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
October 13, 1999, rev. **
Features
• Maximized EMI Suppression using Cypress’s Spread
Spectrum Technology
• Three copies of CPU outputs at 100 or 133 MHz
• Three copies of 66-MHz output at 3.3V
• Ten copies of PCI clocks at 33 MHz, 3.3V
• Two copies of 14.318-MHz reference output at 3.3V
• One copy of 48-MHz USB clock
• One copy of CPU-divide-by-2 output as reference input
to Direct Rambus™ Clock Generator (Cypress W134)
• Available in 48-pin SSOP (300 mils)
Key Specifications
Supply Voltages: ...................................... VDDQ2 = 2.5V±5%
VDDQ3 = 3.3V±5%
CPU, CPUdiv2 Output Jitter:....................................... 250 ps
CPU, CPUdiv2 Output Skew: ...................................... 175 ps
IOAPIC, 3V66 Output Skew: ....................................... 250 ps
PCI0:9 Output Skew: .................................................. 500 ps
Duty Cycle: ................................................................... 45/55
Spread Spectrum Modulation:..................................... –0.5%
CPU to 3V66 Output Offset: ............. 0.0–1.5 ns (CPU leads)
3V66 to PCI Output Offset:.............. 1.5–3.0 ns (3V66 leads)
CPU to IOAPIC Output Offset: ......... 1.5–4.0 ns (CPU leads)
Pentium is a registered trademark of Intel Corporation. Direct Rambus is a trademark of Rambus, Inc.
Table 1. Pin Selectable Frequency
SEL133/100#
SEL1
SEL0
Function
0
0
0
All outputs Three-State
00
1
(Reserved)
0
1
0
Active 100-MHz, 48-MHz
PLL inactive
0
1
1
Active 100-MHz, 48-MHz
PLL active
1
0
0
Test Mode
10
1
(Reserved)
1
1
0
Active 133-MHz, 48-MHz
PLL inactive
1
1
1
Active 133-MHz, 48-MHz
PLL active
Block Diagram
Pin Configuration
REF_[0:1]
CPU_[0:2]
CPUdiv2
3V66_[0:2]
XTAL
PLL 1
SPREAD#
X2
X1
PCI_[0:9]
IOAPIC
48MHz
PLL2
OSC
÷2
Power
Three-state
Logic
SEL0
SEL1
SEL133/100#
÷2/÷1.5
Down
Logic
÷2
÷2
2
3
3
9
PWRDWN#
REF0
REF1
VDDQ3
X1
X2
GND
PCI0
PCI1
VDDQ3
PCI2
PCI3
PCI4
PCI5
GND
PCI6
PCI7
VDDQ3
PCI8
PCI9
GND
3V66_0
3V66_1
3V66_2
VDDQ3
GND
VDDQ2
IOAPIC
GND
VDDQ2
CPUdiv2
GND
VDDQ2
CPU2
GND
VDDQ2
CPU1
CPU0
GND
VDDQ3
GND
PWRDWN#*
SPREAD#*
SEL1*
SEL0*
VDDQ3
48MHz
GND
SEL133/100#
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Note:
1.
Internal 250-k
Ω pull-up resistors present on inputs marked with *.
Design should not rely solely on internal pull-up resistor to set I/O
pins HIGH.
[1]


Similar Part No. - W161

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
W160A NSC-W160A Datasheet
66Kb / 1P
160 Lead Cerquad, EIAJ
logo
Cypress Semiconductor
W162 CYPRESS-W162 Datasheet
147Kb / 7P
Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163 Datasheet
89Kb / 4P
Spread Aware?? Zero Delay Buffer
February 21, 2000, rev
W163 CYPRESS-W163 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
W163 CYPRESS-W163_02 Datasheet
95Kb / 5P
Spread Aware?? Zero Delay Buffer
More results

Similar Description - W161

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W167B CYPRESS-W167B Datasheet
180Kb / 18P
133-MHz Spread Spectrum FTG for Pentium II Platforms
November 2, 1999
W196 CYPRESS-W196 Datasheet
138Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 28, 1999, rev
W199 CYPRESS-W199 Datasheet
154Kb / 14P
Spread Spectrum FTG for VIA Apollo Pro-133
October 19, 1999, rev
W216 CYPRESS-W216 Datasheet
154Kb / 14P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 27, 1999, rev
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
Spread Spectrum FTG for VIA K7 Chipset
logo
Pericom Semiconductor C...
PI6C104 PERICOM-PI6C104 Datasheet
560Kb / 14P
Spread Spectrum Clock Synthesizer for Desktop Pentium II
logo
SpectraLinear Inc
W196 SPECTRALINEAR-W196 Datasheet
130Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
W254B SPECTRALINEAR-W254B Datasheet
235Kb / 16P
133MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
logo
Cypress Semiconductor
W196 CYPRESS-W196_02 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
W254B CYPRESS-W254B Datasheet
254Kb / 17P
133-MHz Spread Spectrum FTG for Mobile Pentium짰 III Platforms
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com