Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W182 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # W182
Description  Full Feature Peak Reducing EMI Solution
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W182 Datasheet(HTML) 2 Page - Cypress Semiconductor

  W182 Datasheet HTML 1Page - Cypress Semiconductor W182 Datasheet HTML 2Page - Cypress Semiconductor W182 Datasheet HTML 3Page - Cypress Semiconductor W182 Datasheet HTML 4Page - Cypress Semiconductor W182 Datasheet HTML 5Page - Cypress Semiconductor W182 Datasheet HTML 6Page - Cypress Semiconductor W182 Datasheet HTML 7Page - Cypress Semiconductor W182 Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
W182
2
Pin Definitions
Pin Name
Pin No.
Pin
Type
Pin Description
CLKOUT
8
O
Output Modulated Frequency: Frequency modulated copy of the input clock
(SSON# asserted).
REFOUT
14
O
Non-Modulated Output: This pin provides a copy of the reference frequency.
This output will not have the Spread Spectrum feature enabled regardless of
the state of logic input SSON#.
CLKIN or X1
2
I
Crystal Connection or External Reference Frequency Input: This pin has
dual functions. It may either be connected to an external crystal, or to an
external reference clock.
NC or X2
3
I
Crystal Connection: Input connection for an external crystal. If using an ex-
ternal reference, this pin must be left unconnected.
SSON#
12
I
Spread Spectrum Control (Active LOW): Asserting this signal (active LOW)
turns the internal modulation waveform on. This pin has an internal pull-down
resistor.
SS%
6
I
Modulation Width Selection: When Spread Spectrum feature is turned on,
this pin is used to select the amount of variation and peak EMI reduction that
is desired on the output signal. This pin has an internal pull-up resistor.
OE#
13
I
Output Enable (Active LOW): When this pin is held HIGH, the output buffers
are placed in a high-impedance mode.This pin has an internal pull-down re-
sistor.
Reset
11
I
Modulation Profile Restart: A rising edge on this input restarts the modulation
pattern at the beginning of its defined path. This pin has an internal pull-down
resistor.
FS1:2
7, 1
I
Frequency Selection Bit(s): These pins select the frequency range of oper-
ation. Refer to Table 2. These pins have internal pull-up resistors.
VDD
9,10
P
Power Connection: Connected to 3.3V or 5V power supply.
GND
4,5
G
Ground Connection: Connect all ground pins to the common ground plane.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com