Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W196 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # W196
Description  Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

W196 Datasheet(HTML) 1 Page - Cypress Semiconductor

  W196 Datasheet HTML 1Page - Cypress Semiconductor W196 Datasheet HTML 2Page - Cypress Semiconductor W196 Datasheet HTML 3Page - Cypress Semiconductor W196 Datasheet HTML 4Page - Cypress Semiconductor W196 Datasheet HTML 5Page - Cypress Semiconductor W196 Datasheet HTML 6Page - Cypress Semiconductor W196 Datasheet HTML 7Page - Cypress Semiconductor W196 Datasheet HTML 8Page - Cypress Semiconductor W196 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
W196
PRELIMINARY
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
•
CA 95134
•
408-943-2600
October 28, 1999, rev. **
Features
• Maximized EMI suppression using Cypress’s Spread
Spectrum Technology
• System frequency synthesizer for 440BX, 440ZX, and
VIA Apollo Pro-133
•I2C programmable to 155 MHz (32 selectable
frequencies)
• Two skew-controlled copies of CPU output
• Seven copies of PCI output (synchronous w/CPU out-
put)
• One copy of 14.31818-MHz IOAPIC output
• One copy of 48-MHz USB output
• Selectable 24-/48-MHz clock is determined by resistor
straps on power up
• One high-drive output buffer that produces a copy of
the 14.318-MHz reference
• Isolated core VDD pin for noise reduction
Key Specifications
Supply Voltages: ....................................... VDDQ3 = 3.3V±5%
VDDQ2 = 2.5V±5%
CPU Cycle to Cycle Jitter: .......................................... 250 ps
CPU, PCI Output Edge Rate:
.........................................≥1 V/ns
CPU0:1 Output Skew: ................................................ 175 ps
PCI_F, PCI1:6 Output Skew: .......................................500 ps
CPU to PCI Skew: ........................ 1.5 to 4.0 ns (CPU Leads)
REF2X/SEL48#, SCLOCK, SDATA: ............... 250-k
Ω pull-up
FS1: ............................................................250-k
Ω pull-down
FS0: ...................................................No pull-up or pull-down
Note: Internal pull-up or pull-down resistors should not be re-
lied upon for setting I/O pins HIGH or LOW.
Table 1. Pin Selectable Frequency
FS1
FS0
CPU(0:1)
PCI
1
1
133.3 MHz
33.3 MHz
1
0
105 MHz
35 MHz
0
1
100 MHz
33.3 MHz
0
0
66.8 MHz
33.3 MHz
Pin Configuration
Block Diagram
X1
X2
GND
PCI_F
PCI1
PCI2
PCI3
PCI4
VDDQ3
PCI5
PCI6
VDDQ3
48MHz
24_48MHz/FS1
GND
REF2X/SEL48#
VDDQ3
VDDQ2
IOAPIC
VDDQ2
CPU0
CPU1
VDDQ3
GND
SDATA
SCLOCK
FS0
GND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
VDDQ3
REF2X/SEL48#
VDDQ3
IOAPIC
CPU0
CPU1
PCI_F
XTAL
PLL Ref Freq
PLL 1
FS1
X2
X1
VDDQ3
PCI1
PCI2
PCI3
PCI4
PCI5
48MHz
24_48MHz/FS1
PLL2
÷2/÷3
OSC
VDDQ2
PCI6
GND
GND
VDDQ3
GND
GND
I2C
SCLOCK
SDATA
LOGIC
FS0


Similar Part No. - W196

ManufacturerPart #DatasheetDescription
logo
SpectraLinear Inc
W196 SPECTRALINEAR-W196 Datasheet
130Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
logo
Cypress Semiconductor
W196 CYPRESS-W196 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
W196 CYPRESS-W196_02 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
More results

Similar Description - W196

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W161 CYPRESS-W161 Datasheet
117Kb / 9P
133-MHz Spread Spectrum FTG for Pentium II Platforms
October 13, 1999, rev.
W167B CYPRESS-W167B Datasheet
180Kb / 18P
133-MHz Spread Spectrum FTG for Pentium II Platforms
November 2, 1999
W199 CYPRESS-W199 Datasheet
154Kb / 14P
Spread Spectrum FTG for VIA Apollo Pro-133
October 19, 1999, rev
W210 CYPRESS-W210 Datasheet
162Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
April 11, 2000, rev. C
W216 CYPRESS-W216 Datasheet
154Kb / 14P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
October 27, 1999, rev
W211B CYPRESS-W211B Datasheet
174Kb / 16P
FTG for 440BX, VIA Apollo Pro-133, and ProMedia
W230-03 CYPRESS-W230-03 Datasheet
175Kb / 15P
Spread Spectrum FTG for VIA K7 Chipset
W210H CYPRESS-W210H Datasheet
165Kb / 14P
Spread Spectrum FTG for VIA K7 Chipset
logo
SpectraLinear Inc
W196 SPECTRALINEAR-W196 Datasheet
130Kb / 11P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
logo
Cypress Semiconductor
W196 CYPRESS-W196_02 Datasheet
144Kb / 12P
Spread Spectrum FTG for 440BX and VIA Apollo Pro-133
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com