Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UMMSZ52XXBL-LL34-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UMMSZ52XXBL-LL34-R
Description  SURFACE MOUNT SILICON ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMMSZ52XXBL-LL34-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UMMSZ52XXBL-LL34-R Datasheet HTML 1Page - Unisonic Technologies UMMSZ52XXBL-LL34-R Datasheet HTML 2Page - Unisonic Technologies UMMSZ52XXBL-LL34-R Datasheet HTML 3Page - Unisonic Technologies UMMSZ52XXBL-LL34-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UMMSZ52XXB
Preliminary
ZENER DIODE
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R601-085.d
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Peak Forward Surge Current, 8.3ms Single Half
Sine-Wave Superimposed on Rated Load (Note 2)
IFSM
4.0
A
Power Dissipation at 75°C (Note 1)
SOD-123/LL-34
PD
500
mW
SOD-323
330
SOD-523
250
SOT-23-3
200
Operating Junction Temperature
TJ
-55~+150
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Mounted on 5.0mm
2 (.013mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute
maximum.
ELECTRICAL CHARACTERISTICS
(VF = 1.2V Max @ IF = 100mA for all types.)
Device
Marking
Code
Nominal Zener Voltage
Zener Impedance
Reverse Leakage
Current
Zener
Current
VZ @ IZT (V)
ZZT @ IZT
ZZK @ IZK
IR @ VR
IZM @ TA
MIN
TYP
MAX Max (Ω)IZ(mA) Max (Ω)IZ(mA) Max (µA) @VR (V)
mA
UMMSZ5228B
3.9
3.71
3.9
4.1
23
20
1900
0.25
10
1.0
115
UMMSZ5231B
5.1
4.85
5.1
5.36
17
20
1600
0.25
5.0
2.0
89
UMMSZ5232B
5.6
5.32
5.6
5.88
11
20
1600
0.25
5.0
3.0
81
UMMSZ5234B
6.2
5.89
6.2
6.51
7
20
1000
0.25
5.0
4.0
73
UMMSZ5236B
7.5
7.13
7.5
7.88
6.0
20
500
0.25
3.0
6.0
61
UMMSZ5237B
8.2
7.79
8.2
8.61
8
20
500
0.25
3.0
6.0
55
UMMSZ5243B
13
12.35
13
13.65
13
9.5
600
0.25
1.0
9.9
35
UMMSZ5245B
15
14.25
15
15.75
16
8.5
600
0.25
0.5
11
30
UMMSZ5248B
18
17.1
18
18.9
21
7
600
0.25
0.1
14
25
UMMSZ5250B
20
19
20
21
25
6.2
600
0.25
0.1
15
23
UMMSZ5251B
22
20.9
22
23.1
29
5.6
600
0.25
0.1
17
21
UMMSZ5254B
27
25.65
27
28.35
41
5
600
0.25
0.1
21
16.8
UMMSZ5257B
33
31.35
33
34.65
58
3.8
700
0.25
0.1
25
13.8



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com