Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASD723S2 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # ASD723S2
Description  Advanced Schottky Barrier Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ASD723S2 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  ASD723S2 Datasheet HTML 1Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 2Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 3Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 4Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 5Page - Cystech Electonics Corp. ASD723S2 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C343S2
Issued Date : 2009.03.17
Revised Date :2009.04.30
Page No. : 1/6
ASD723S2
CYStek Product Specification
Advanced Schottky Barrier Diodes
ASD723S2
Features:
● Low turn-on voltage
● Fast switching
● Pb-free package
Mechanical data:
● Case: Molded Plastic, JEDEC SOD-323.
● Terminals : Pure tin plated, solderable per MIL-STD-750, method 2026.
● Polarity: Indicated by cathode band
● Mounting position: Any
● Weight: 4.8mg (approximately)
Symbol
Outline
+
_
SOD-323
ASD723S2
Absolute Maximum Ratings
(Ta=25℃)
Characteristics
Symbol
Value
Unit
Non-repetitive Peak Reverse Voltage
VRM
30
V
Forward Current
IFM
200
mA
Forward Surge Current @ 8.3ms single half sine-wave
superimposed on rated load(JEDEC method)
IFSM
1
A
Power dissipation @ TC=25
°C
PD
250
mW
Thermal Resistance, Junction to ambient
RθJA
500
°C/W
Capacitance between Terminals @ f=1MHz and applied
10VDC Reverse Voltage
CT
15
pF
Operating Junction and Storage Temperature Range
Tj, Tstg
-65 to +150
°C


Similar Part No. - ASD723S2

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ASD723SN CYSTEKEC-ASD723SN Datasheet
163Kb / 4P
Advanced Schottky Barrier Diodes
More results

Similar Description - ASD723S2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ASD723 FORMOSA-ASD723 Datasheet
76Kb / 2P
Advanced Schottky Barrier Diodes
ASD751V FORMOSA-ASD751V Datasheet
82Kb / 2P
Advanced Schottky Barrier Diodes
ASD500V-N FORMOSA-ASD500V-N Datasheet
87Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD501V-N FORMOSA-ASD501V-N Datasheet
77Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD723-N FORMOSA-ASD723-N Datasheet
77Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N FORMOSA-ASD751V-N Datasheet
87Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
ASD751V-N2 FORMOSA-ASD751V-N2 Datasheet
89Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Cystech Electonics Corp...
ASD723SN CYSTEKEC-ASD723SN Datasheet
163Kb / 4P
Advanced Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com