Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLM331M350V25X50F Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLM331M350V25X50F
Description  Large Can Aluminum Electrolytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLM331M350V25X50F Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLM331M350V25X50F Datasheet HTML 1Page - NIC-Components Corp. NRLM331M350V25X50F Datasheet HTML 2Page - NIC-Components Corp. NRLM331M350V25X50F Datasheet HTML 3Page - NIC-Components Corp. NRLM331M350V25X50F Datasheet HTML 4Page - NIC-Components Corp. NRLM331M350V25X50F Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLM Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap
(
μF)
W.V.
Case
Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLM222M50V20X25F
2,200
50
20x25
0.151
0.113
2.26
2.60
NRLM332M50V22X30F
3,300
22x30
0.100
0.075
2.73
3.14
NRLM332M50V25X25F
25x25
NRLM472M50V25X30F
4,700
25x30
0.071
0.053
3.03
3.48
NRLM472M50V30X25F
30x25
NRLM682M50V25X40F
6,800
25x40
0.049
0.037
3.85
4.43
NRLM682M50V30X30F
30x30
NRLM822M50V25X45F
8,200
25x45
0.040
0.030
4.41
5.07
NRLM822M50V30X35F
30x35
NRLM103M50V25X50F
10,000
25x50
0.036
0.027
4.97
5.72
NRLM103M50V30X40F
30x40
NRLM103M50V35X30F
35x30
NRLM153M50V30X50F
15,000
30x50
0.028
0.021
6.44
7.41
NRLM153M50V35X40F
35x40
NRLM223M50V35X50F
22,000
35x50
0.021
0.017
7.57
8.71
NRLM102M63V22X25F
1,000
63
22x25
0.381
0.286
1.20
1.38
NRLM222M63V20X35F
2,200
20x35
0.151
0.113
2.52
2.90
NRLM222M63V22X30F
22x30
NRLM222M63V25X25F
25x25
NRLM332M63V22X40F
3,300
22x40
0.105
0.079
4.10
4.72
NRLM332M63V25X30F
25x30
NRLM332M63V30X25F
30x25
NRLM472M63V22X50F
4,700
22x50
0.081
0.061
4.86
5.59
NRLM472M63V25X40F
25x40
NRLM472M63V30X30F
30x30
NRLM472M63V35X25F
35x25
NRLM682M63V25X50F
6,800
25x50
0.061
0.046
5.84
6.72
NRLM682M63V30X40F
30x40
NRLM682M63V35X50F
35x30
NRLM822M63V30X45F
8,200
30x45
0.051
0.046
6.00
6.90
NRLM822M63V35X35F
35x35
NRLM103M63V35X40F
10,000
35x40
0.041
0.033
6.52
7.50
NRLM123M63V35X50F
12,000
35x50
0.035
0.028
7.15
8.22
NRLM152M80V20X35F
1,500
80
20x35
0.177
0.133
2.26
2.60
NRLM152M80V22X30F
22x30
NRLM152M80V25X25F
25x25
NRLM222M80V22X40F
2,200
22x40
0.121
0.090
2.73
3.14
NRLM222M80V25X30F
25x30
NRLM222M80V30X25F
30x25
NRLM332M80V22X50F
3,300
22x50
0.085
0.064
3.21
3.69
NRLM332M80V25X40F
25x40
NRLM332M80V30X30F
30x30
NRLM472M80V25X50F
4,700
25x50
0.063
0.048
4.09
4.70
NRLM472M80V30X40F
30x40
NRLM682M80V30X50F
6,800
30x50
0.046
0.035
5.16
5.93
NRLM682M80V35X40F
35x40
NRLM822M80V35X50F
8,200
35x50
0.038
0.029
5.83
6.70
NRLM102M100V20X35F
1,000
100
20x35
0.216
0.140
1.96
2.25
NRLM102M100V22X30F
22x30
NRLM102M100V25X25F
25x25
NRLM152M100V22X40F
1,500
22x40
0.155
0.101
2.57
2.96
NRLM152M100V25X30F
25x30
NRLM152M100V30X25F
30x25
NRLM222M100V25X40F
2,200
25x40
0.121
0.078
3.14
3.61
NRLM222M100V30X30F
30x30
NRLM332M100V25X50F
3,300
25x50
0.090
0.059
4.06
4.67
NRLM332M100V30X40F
30x40
NRLM472M100V30X50F
4,700
30x50
0.071
0.049
5.13
5.90
NRLM472M100V35X40F
35x40
NRLM682M100V35X50F
6,800
35x50
0.049
0.037
6.60
7.59



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com