Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVQPJS04K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EVQPJS04K
Description  6.0mm x 3.5 mm Square Light Touch Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQPJS04K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EVQPJS04K Datasheet HTML 1Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 2Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 3Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 4Page - Panasonic Semiconductor EVQPJS04K Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Light Touch Switches/EVQPJ
l Standard Reel Dimensions in mm (not to scale)
n Recommended Reflow Soldering Conditions
l Embossed Carrier Taping
Part No.
Height
A
B
W
FE
P1
P2
P0
D0 Dia.
t1
t2
EVQPJS
EVQPJX
4.3/ 5.0
4.45±0.20 7.25±0.20 12.0±0.3 5.5±0.1 1.75±0.10 8.0±0.1 2.0±0.1
4.0±0.1 1.5+0.1 0.30±0.05 4.5/5.2±0.2
EVQPJU
Unit: mm
0
Item
A
B
C
D
E
Rate (mm) B370.0±2.0 B50.0 min. B13.0±0.5 B21.0±1.0
2.0±0.5
Item
WT
t
r
Rate (mm) 14.0±1.5
Ñ
1.0 to 3.0
1.0±0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com