Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LBN09615 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09615
Description  96MHz SAW Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09615 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09615 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09615 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09615 Datasheet HTML 3Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Phone: +86-23-62920684
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Tel: +86-23-62808818
Fax: +86-23-62808382
www.sipatsaw.com / sales@sipat.com
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Part Number
LBN09615
Rev. Date
2013-04-01
Ver.
1.0
Page
1/3
China
China Electronics
Electronics Technology
Technology Group
Group Corporation
Corporation
No.26
No.26 Research
Research Institute
Institute
96MHz SAW Filter
12MHz Bandwidth
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT
SIPAT Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co.,
Co., Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
Ltd.
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
www.sipatsaw.com
Part
Part
Part
Part Number:LB
Number:LB
Number:LB
Number:LBN09615
N09615
N09615
N09615
Features
�
For IF SAW filter
�
High attenuation
�
Single-ended operation
�
Dual In-line Package
�
No matching required for operation at 50Ω
�
RoHS compliant (2002/95/EC), Pb-free
Specifications
Parameter
Parameter
Parameter
Parameter
Unit
Unit
Unit
Unit
Minimum
Minimum
Minimum
Minimum
Typical
Typical
Typical
Typical
Maximum
Maximum
Maximum
Maximum
Center Frequency
MHz
96
Insertion Loss
dB
23.7
25
1dB Bandwidth
MHz
11.1
11.74
3dB Bandwidth
MHz
12
12.28
40dB Bandwidth
MHz
14.47
15
Passband Variation
dB
0.5
1
Group Delay Variation(f0±5.5MHz)
usec
65
90
Absolute Delay
usec
1.38
Ultimate Rejection
dB
40
41
Material Temperature coefficient
KHz/°C
-9.02
Substrate Material
-
YZ-LN
Ambient Temperature
°C
25
Operating Temperature Range
°C
-40
-
+85
Storage Temperature Range
°C
-45
-
+105
Input Power
dBm
-
-
10
ESD Class
-
1A
Package Size
SMD13.3*6.5A
Notes:
Notes:
Notes:
Notes:
1.
All specifications are based on the test circuit shown;
2.
In production, all specifications are measured by Agilent Network analyzer and full 2 port calibration at room
temperature;
3.
Electrical margin has been built into the design to account for the variations due to temperature drift and
manufacturing tolerances;
4.
This is the optimum impedance in order to achieve the performance show.


Similar Part No. - LBN09615

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09610 SIPAT-LBN09610 Datasheet
148Kb / 3P
96MHz SAW Filter 25MHz Bandwidth
LBN09610 SIPAT-LBN09610 Datasheet
153Kb / 3P
96MHz SAW Filter
LBN09613 SIPAT-LBN09613 Datasheet
145Kb / 3P
96MHz SAW Filter 24MHz Bandwidth
LBN09613 SIPAT-LBN09613 Datasheet
145Kb / 3P
96MHz SAW Filter
More results

Similar Description - LBN09615

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09603 SIPAT-LBN09603 Datasheet
147Kb / 3P
96MHz SAW Filter 22MHz Bandwidth
LBN09607 SIPAT-LBN09607 Datasheet
151Kb / 4P
96MHz SAW Filter 10MHz Bandwidth
LBT09605 SIPAT-LBT09605 Datasheet
144Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
LBN09603 SIPAT-LBN09603 Datasheet
180Kb / 3P
96MHz SAW Filter
LBN09604 SIPAT-LBN09604 Datasheet
339Kb / 3P
96MHz SAW Filter
LBN09607 SIPAT-LBN09607 Datasheet
156Kb / 4P
96MHz SAW Filter
LBN09610 SIPAT-LBN09610 Datasheet
153Kb / 3P
96MHz SAW Filter
LBN09613 SIPAT-LBN09613 Datasheet
145Kb / 3P
96MHz SAW Filter
LBT09611 SIPAT-LBT09611 Datasheet
155Kb / 3P
96MHz SAW Filter 5MHz Bandwidth
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com