Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3465 Datasheet(PDF) 2 Page - Savantic, Inc.

Part # 2SC3465
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3465 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SC3465 Datasheet HTML 1Page - Savantic, Inc. 2SC3465 Datasheet HTML 2Page - Savantic, Inc. 2SC3465 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3465
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=5mA; RBE=6
800
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA; IE=0;
1100
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA; IC=0;
7
V
VCEsat
Collector-emitter saturation voltage
IC=6A;IB=1.2A
2.0
V
VBEsat
Base-emitter saturation voltage
IC=6A;IB=1.2A
1.5
V
ICBO
Collector cut-off current
VCB=800V;IE=0
10
µA
IEBO
Emitter cut-off current
VEB=7V;IC=0
10
µA
hFE-1
DC current gain
IC=0.8A ;VCE=5V
10
40
hFE-2
DC current gain
IC=4A ;VCE=5V
10
fT
Transition freuquency
IC=0.8A ;VCE=10V
15
MHz
COB
Collector output capacitance
IE=0 ;VCB=10V,f=1MHz
240
pF
hFE-1 classifications
K
L
M
10-20
15-30
20-40



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com