Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZX Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NEZX
Description  Memory Back-Up Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEZX Datasheet(HTML) 2 Page - NIC-Components Corp.

  NEZX Datasheet HTML 1Page - NIC-Components Corp. NEZX Datasheet HTML 2Page - NIC-Components Corp. NEZX Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NEZX CHARGE CHARACTERISTICS
P/N: NEZX334Z5.5VV11.5X13F
Time (minutes)
P/N: NEZX105Z5.5VV19X20.5F
Time (minutes)
NIC P/N
DIMENSIONS (mm)
DH
S
L
1
L
2
d
1 nom.
d
2 nom.
NEZX473Z5.5VV11.5X13F
11.5
13.0
5.0
5.0
4.0
0.8
0.15
NEZX473Z5.5VH11.5X5F
11.5
5.0
10.0
5.0
n/a
0.8
0.15
NEZX104Z5.5VV11.5X13F
11.5
13.0
5.0
5.0
4.0
0.8
0.15
NEZX104Z5.5VH11.5X5F
11.5
5.0
10.0
5.0
n/a
0.8
0.15
NEZX224Z5.5VV11.5X13F
11.5
13.0
5.0
5.0
4.0
0.8
0.15
NEZX224Z5.5VH11.5X5F
11.5
5.0
10.0
5.0
n/a
0.8
0.15
NEZX334Z5.5VV11.5X13F
11.5
13.0
5.0
5.0
4.0
0.8
0.15
NEZX334Z5.5VH11.5X5F
11.5
5.0
10.0
5.0
n/a
0.8
0.15
NEZX105Z5.5VV19X20.5F
19.0
20.5
5.0
5.0
4.0
1.0
0.15
NEZX155Z5.5VV19X20.5F
19.0
20.5
5.0
5.0
4.0
1.0
0.15
CASE DIMENSIONS (mm)
S ±0.5
d
2 ±0.1
Sleeving
D ±0.3
H ±0.5
d
1 ±0.1
Sleeving
VERTICAL MOUNT (V STYLE)
S ±0.5
d
2 ±0.1
L
1
±0.3
D ±0.3
H
±0.5
d
1 ±0.1
12.5 ±0.5
(4.5)
HORIZONTAL MOUNT (H STYLE)
Sleeving
L
1
±0.3
L
2
±0.3
0.33F
5.5V
Memory Back-Up Capacitors
NEZX Series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com