Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPX Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NPX
Description  Interference Suppression Capacitor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPX Datasheet(HTML) 3 Page - NIC-Components Corp.

  NPX Datasheet HTML 1Page - NIC-Components Corp. NPX Datasheet HTML 2Page - NIC-Components Corp. NPX Datasheet HTML 3Page - NIC-Components Corp. NPX Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Interference Suppression Capacitor
NPX Series
*These value are not available tape & box
#1 - ±0.4mm tolerance available special order
Part Number
Cap. Value
(
μF)
Capacitance
Code
L
±0.5
T
±0.5
H
±0.5
LS
±0.5#1
LD
±0.08
Bulk Package
Quantity
Tape & Box
Quantity
NPX102K275VX2F
0.001
102
13.0
5.0
11.0
10.0
0.6
500
500
NPX122K275VX2F
0.0012
122
13.0
5.0
11.0
500
500
NPX152K275VX2F
0.0015
152
13.0
5.0
11.0
500
500
NPX182K275VX2F
0.0018
182
13.0
5.0
11.0
500
500
NPX222K275VX2F
0.0022
222
13.0
5.0
11.0
500
500
NPX272K275VX2F
0.0027
272
13.0
5.0
11.0
500
500
NPX332K275VX2F
0.0033
332
13.0
5.0
11.0
500
500
NPX392K275VX2F
0.0039
392
13.0
5.0
11.0
500
500
NPX472K275VX2F
0.0047
472
13.0
5.0
11.0
500
500
NPX562K275VX2F
0.0056
562
13.0
5.0
11.0
500
500
NPX682K275VX2F
0.0068
682
13.0
5.0
11.0
500
500
NPX822K275VX2F
0.0082
822
13.0
5.0
11.0
500
500
NPX103K275VX2MF
0.01
103
13.0
5.0
11.0
500
500
NPX103K275VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX123K275VX2F
0.012
123
18.0
5.0
11.0
500
400
NPX153K275VX2F
0.015
153
18.0
5.0
11.0
500
400
NPX183K275VX2F
0.018
183
18.0
5.0
11.0
500
400
NPX223K275VX2MF
0.022
223
13.0
5.0
11.0
10.0
0.6
500
500
NPX223K275VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX273K275VX2MF
0.027
273
13.0
5.0
11.0
10.0
0.6
500
500
NPX273K275VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX333K275VX2MF
0.033
333
13.0
5.0
11.0
10.0
0.6
500
500
NPX333K275VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX393K275VX2F
0.039
393
18.0
5.0
11.0
500
400
NPX473K275VX2MF
0.047
473
13.0
5.0
11.0
10.0
0.6
500
500
NPX473K275VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX563K275VX2MF
0.056
563
13.0
5.0
11.0
10.0
0.6
500
500
NPX563K275VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX683K275VX2MF
0.068
683
13.0
5.0
11.0
10.0
0.6
500
500
NPX683K275VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX823K275VX2MF
0.082
823
13.0
6.0
12.0
10.0
0.6
500
400
NPX823K275VX2F
18.0
6.0
12.0
15.0
0.8
500
400
NPX104K275VX2MF
0.1
104
13.0
6.0
12.0
10.0
0.6
500
400
NPX104K275VX2M2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX104K275VX2F
18.0
6.0
12.0
500
400
NPX124K275VX2MF
0.12
124
18.0
6.0
12.0
15.0
0.8
500
n/a
NPX124K275VX2F
18.0*
7.5
13.5
500
n/a
NPX154K275VX2MF
0.15
154
18.0*
6.2
13.5
500
n/a
NPX184K275VX2F
0.18
184
18.0*
8.5
14.5
250
n/a
NPX224K275VX2MF
0.22
224
18.0*
8.5
14.5
250
n/a
NPX224K275VX2F
26.5*
7.0
16.5
22.5
250
n/a
NPX274K275VX2F
0.27
274
26.5*
8.5
17.0
200
n/a
NPX334K275VX2MF
0.33
334
18.0*
10.0
16.0
15.0
250
n/a
NPX334K275VX2F
26.5*
8.5
17.0
22.5
200
n/a
NPX394K275VX2F
0.39
394
26.5*
10.0
19.0
22.5
150
n/a
NPX474K275VX2MF
0.47
474
18.0*
10.0
16.0
15.0
250
n/a
NPX474K275VX2M2F
26.5*
10.0
19.0
22.5
150
n/a
NPX564K275VX2F
0.56
564
32.0*
11.0
20.0
27.5
100
n/a
NPX684K275VX2MF
0.68
684
26.5*
10.0
19.0
22.5
150
n/a
NPX684K275VX2F
32.0*
11.0
20.0
27.5
100
n/a
NPX824K275VX2F
0.82
824
32.0*
13.0
22.0
100
n/a
NPX105K275VX2MF
1.0
105
26.5*
12.5
21.5
22.5
100
n/a
NPX105K275VX2F
32.0*
13.0
22.0
27.5
100
n/a
250V/275V STANDARD VALUES AND CASE SIZE (mm)
NOT RECOMMENDED FOR NEW DESIGNS
(SEE 310V STANDARD VALUES TABLES)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com