Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1000 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1000
Description  5-Tap Silicon Delay Line
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1000 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1000 Datasheet HTML 1Page - Dallas Semiconductor DS1000 Datasheet HTML 2Page - Dallas Semiconductor DS1000 Datasheet HTML 3Page - Dallas Semiconductor DS1000 Datasheet HTML 4Page - Dallas Semiconductor DS1000 Datasheet HTML 5Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DS1000
2 of 5
LOGIC DIAGRAM Figure 1
DS1000
PART NUMBER DELAY TABLE (all values in ns) Table 1
TAP 1TAP 2TAP 3
TAP 4
TAP 5
TOLERANCE
TOLERANCE
TOLERANCE
TOLERANCE
TOLERANCE
PART #
DS1000-
Nom
Init
Temp
Nom
Init
Temp
Nom
Init
Temp
Nom
Init
Temp
Nom
Init
Temp
-20
4
2
1
8
2
1122
1162
1
20
2
1
-25
5
2
1
10
2
1
15
2
1
20
2
1
25
2
1
-30
6
2
1
12
2
1
18
2
1
24
2
1
30
2
1
-35
7
2
1
14
2
1
21
2
1
28
2
1
35
2
1.1
-40
8
2
1
16
2
1
24
2
1
32
2
1
40
2
1.2
-45
9
2
1
18
2
1
27
2
1
36
2
1.1
45
2.3
1.4
-50
10
2
1
202
1302
1402
1.2
50
2.5
1.5
-60
12
2
1
242
1362
1.1
48
2.4
1.5
60
3
1.8
-75
15
2
1
302
145
2.3
1.4
603
1.8
75
3.8
2.3
-100
20
2
1
40
2
1.2
60
3
1.8
80
4
2.4
100
5
3
-125
25
2
1
50
2.5
1.5
75
3.8
2.3
100
5
3
125
6.3
3.8
-150
30
2
1
60
3
1.8
90
4.5
2.7
120
6
3.6
150
7.5
4.5
-175
35
2
1.1
70
3.5
2.1
105
5.3
3.2
140
7
4.2
175
8.8
5.3
-200
40
2
1.2
80
4
2.4
120
6
3.6
160
8
4.8
200
10
6
-250
50
2.5
1.5
100
5
3
150
7.5
4.5
200
10
6
250
12.5
7.5
-500
100
5
3
200
10
6
300
15
9
400
20
12
500
25
15
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V ± 5%)
PARAMETER
SYM
TEST
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
6
High Level Input
Voltage
VIH
2.2
VCC + 0.5
V
6
Low Level Input
Voltage
VIL
-0.5
0.8
V
6
Input Leakage
Current
II
0.0V
≤ V
I
≤ V
CC
-1.0
1.0
uA
Active Current
ICC
VCC=Max;
Period=Min.
35
75
mA
7, 9
High Level Output
Current
IOH
VCC=Min.
VOH=4
-1
mA
Low Level Output
Current
IOL
VCC=Min.
VOL=0.5
12
mA
AC ELECTRICAL CHARACTERISTICS
(TA = 25°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Pulse Width
tWI
40% of Tap 5 tPLH
ns
8
Input to Tap Delay
(leading edge)
tPLH
Table 1
ns
1, 2, 3, 4,
5, 10
Input to Tap Delay
(trailing edge)
tPHL
Table 1
ns
1, 2, 3, 4,
5, 10
Power-up Time
tPU
100
ms
Input Period
Period
4 (tWI)ns
8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com