Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI-4328-P-FP250-R Datasheet(PDF) 1 Page - Projects Unlimited, Inc.

Part # AI-4328-P-FP250-R
Description  REVISED TO INVETOR 3-D DRAWING TEMPLATE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PUI [Projects Unlimited, Inc.]
Direct Link  http://www.pui.com
Logo PUI - Projects Unlimited, Inc.

AI-4328-P-FP250-R Datasheet(HTML) 1 Page - Projects Unlimited, Inc.

  AI-4328-P-FP250-R Datasheet HTML 1Page - Projects Unlimited, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Indicator
AI-4328-P-FP250-R
J.D.
E.P.
B.R.
3/10/2008
-
Designed by
Checked by
Approved by
Drawn Date
1 / 1
Edition
Sheet
Date
6/7/2006
Date
6/7/2006
Date
6/7/2006
UNLESS OTHERWISE
SPECIFIED:
DIMENSIONS ARE IN
MILLIMETERS,
TOLERANCES
ARE ±0.5 AND
ANGLES ARE ±3°.
AI-4328-P-FP250-R.idw
A3
SIZE
REVISION HISTORY
LTR
DESCRIPTION
DATE APPROVED
-
RELEASED FROM ENGINEERING
6/7/2006
A
REVISED TO INVETOR 3-D DRAWING TEMPLATE
3/10/2008
B.R.
SPECIFICATIONS
PARAMETERS
VALUES
UNITS
RATED VOLTAGE
220
Vac
OPERATING VOLTAGE RANGE
60 ~ 250
Vdc/Vac
RATED CURRENT (MAX)
16
mA
MINIMUM SPL @ 10 CM
91
dBA
RESONANT FREQUENCY
2,800 ± 500
Hz
TONE OR PULSE RATE
FAST PULSE
3 pulse/sec
OPERATING TEMPERATURE
-30 ~ +85
°C
STORAGE TEMPERATURE
-40 ~ +95
°C
HOUSING MATERIAL
ABS
-
TERMINAL MATERIAL
Sn PLATED
BRONZE
-
WEIGHT
63
grams
NOTES:
1. ALL DIMENSIONS ARE IN MILLIMETERS.
2. SPECIFICATIONS SUBJECT TO CHANGE OR WITHDRAWL
WITHOUT NOTICE.
3. THIS PART IS RoHS 2002/95/EC COMPLIANT.
33
`2
n42.5
6.5
8.5
8
10.5
20
13
7.5
n27 n35.4
©2003, Projects Unlimited Inc.
THIS DOCUMENT CONTAINS DATA PROPRIETARY TO
PROJECTS UNLIMITED, INC. ANY USE OR
REPRODUCTION, IN ANY FORM, WITHOUT PRIOR
WRITTEN PERMISSION OF PROJECTS UNLIMITED,
INC. IS PROHIBITED.


Similar Part No. - AI-4328-P-FP250-R

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
AI-4328-P-FP250-R PUIAUDIO-AI-4328-P-FP250-R Datasheet
238Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AI-4328-P-FP250-R

ManufacturerPart #DatasheetDescription
logo
Projects Unlimited, Inc...
AI-2835-TF-LW150-3-R PUI-AI-2835-TF-LW150-3-R Datasheet
209Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4228-P-SP120-R PUI-AI-4228-P-SP120-R Datasheet
191Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AI-4328-P-C28-2-R PUI-AI-4328-P-C28-2-R Datasheet
231Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4328-P-C28-R PUI-AI-4328-P-C28-R Datasheet
223Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4328-P-C120D-R PUI-AI-4328-P-C120D-R Datasheet
233Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4328-P-C120-R PUI-AI-4328-P-C120-R Datasheet
224Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4329-P-FP28-R PUI-AI-4329-P-FP28-R Datasheet
219Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AI-4429-P-CP12-R PUI-AI-4429-P-CP12-R Datasheet
208Kb / 1P
REVISED TO INVETOR 3-D DRAWING TEMPLATE
AT-0927-TT-2-R PUI-AT-0927-TT-2-R Datasheet
200Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
AT-3425-TWT-R PUI-AT-3425-TWT-R Datasheet
220Kb / 1P
REVISED TO INVENTOR 3-D DRAWING TEMPLATE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com