Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1065 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1065
Description  EconOscillator/Divider
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1065 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1065 Datasheet HTML 1Page - Dallas Semiconductor DS1065 Datasheet HTML 2Page - Dallas Semiconductor DS1065 Datasheet HTML 3Page - Dallas Semiconductor DS1065 Datasheet HTML 4Page - Dallas Semiconductor DS1065 Datasheet HTML 5Page - Dallas Semiconductor DS1065 Datasheet HTML 6Page - Dallas Semiconductor DS1065 Datasheet HTML 7Page - Dallas Semiconductor DS1065 Datasheet HTML 8Page - Dallas Semiconductor DS1065 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS1065
4 of 10
1
X
X
INTERNAL OSCILLATOR DIVIDED BY 1
DIV WORD Figure 3
(MSB)
(LSB)
N (9-BITS)
N
These 9 bits determine the value of the programmable divider. The range of divisor values is from 2 to
513, and is equal to the programmed value of N plus 2:
Table 3
BIT
VALUES
DIVISOR (N)
VALUE
000000000
000000001
.
.
.
.
.
111111111
2
3
.
.
.
.
.
513
POWER-ON RESET
When power is initially applied to the device supply pin, a power-on reset sequence is executed, similar
to that which occurs when the device is restored from a power-down condition. This sequence comprises
two stages, first a conventional POR to initialize all on-chip circuitry, followed by a stabilization period
to allow the oscillator to reach a stable frequency before enabling the output:
1. Initialize internal circuitry.
2. Enable internal oscillator.
3. Set M and N to maximum values.
4. Wait approximately 1024 cycles of INTOSC for the oscillator to stabilize.
5. Load M and N programmed values from EEPROM.
6. Enable OUT.
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com