Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1202 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1202
Description  Serial Timekeeping Chip
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1202 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1202 Datasheet HTML 1Page - Dallas Semiconductor DS1202 Datasheet HTML 2Page - Dallas Semiconductor DS1202 Datasheet HTML 3Page - Dallas Semiconductor DS1202 Datasheet HTML 4Page - Dallas Semiconductor DS1202 Datasheet HTML 5Page - Dallas Semiconductor DS1202 Datasheet HTML 6Page - Dallas Semiconductor DS1202 Datasheet HTML 7Page - Dallas Semiconductor DS1202 Datasheet HTML 8Page - Dallas Semiconductor DS1202 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS1202, DS1202S
032697 4/11
REGISTER SUMMARY
A register data format summary is shown in Figure 4.
CRYSTAL SELECTION
A 32.768 KHz crystal, can be directly connected to the
DS1202 via pins 2 and 3 (X1, X2). The crystal selected
for use should have a specified load capacitance (CL) of
6 pF. The crystal is connected directly to the X1 and X2
pins. There is no need for external capacitors or resis-
tors. Note: X1 and X2 are very high impedance nodes.
It is recommended that they and the crystal be guard–
ringed with ground and that high frequency signals be
kept away from the crystal area. For more information
on crystal selection and crystal layout considerations,
please consult Application Note 58, “Crystal Consider-
ations with Dallas Real Time Clocks”.
DATA TRANSFER SUMMARY Figure 3
SCLK
I/O
RST
01
2
3456
701
234
5
6
7
R/W
A0
A1
A2
A3
A4
1
ADDRESS COMMAND
DATA INPUT/OUTPUT
SINGLE BYTE TRANSFER
SCLK
I/O
01
2
3456
701
2
4
5
6
7
1
1
111
1
ADDRESS COMMAND
DATA I/O BYTE N
BURST MODE TRANSFER
RST
R/W
DATA I/O BYTE 1
R/C
R/C
FUNCTION
BYTE N
SCLK n
CLOCK
8
72
RAM
24
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com