Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC357N Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC357N
Description  Mini-flat Package, General Purpose Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357N Datasheet(HTML) 1 Page - Sharp Corporation

  PC357N Datasheet HTML 1Page - Sharp Corporation PC357N Datasheet HTML 2Page - Sharp Corporation PC357N Datasheet HTML 3Page - Sharp Corporation PC357N Datasheet HTML 4Page - Sharp Corporation PC357N Datasheet HTML 5Page - Sharp Corporation PC357N Datasheet HTML 6Page - Sharp Corporation PC357N Datasheet HTML 7Page - Sharp Corporation PC357N Datasheet HTML 8Page - Sharp Corporation PC357N Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PC357N Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC357)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Hybrid substrates that require high density mounting
2. Programmable controllers
■ Applications
Mini-flat Package,
General Purpose Photocoupler
1. 4-pin Mini-flat package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. High collector-emitter voltage (VCEO : 80V(∗))
4. Current transfer ratio (CTR) : MIN. 50% at IF=5mA,
VCE=5V
5. Several CTR ranks available
6. High isolation voltage between input and output
(Viso(rms) : 3.75kV)
(*) Up to Date code "P9" (September 2002) VCEO : 35V.
From the production Date code "J5" (May 1997) to "P9"
(September 2002), however the products were screened by
BVCEO
≥70V.
■ Description
PC357N Series contains an IRED optically coupled
to a phototransistor.
It is packaged in a 4-pin Mini-flat package.
Input-output isolation voltage(rms) is 3.75kV.
Collector-emitter voltage is 80V(∗) and CTR is 50%
to 600% at input current of 5mA.
1
Sheet No.: D2-A00101EN
Date Sep. 30. 2003
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC357N Series


Similar Part No. - PC357N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N SHARP-PC357N Datasheet
219Kb / 14P
Mini-flat Package General Purpose Photocoupler
PC357N0J000F SHARP-PC357N0J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N0J000F SHARP-PC357N0J000F Datasheet
416Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N0J000F SHARP-PC357N0J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N0J000F SHARP-PC357N0J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
More results

Similar Description - PC357N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
Mini-flat Package General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
Mini-flat Package,General Purpose Photocoupler
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357MJ0000F SHARP-PC357MJ0000F Datasheet
204Kb / 14P
Mini-flat Package, General Purpose Photocoupler
PC357N2 SHARP-PC357N2 Datasheet
194Kb / 14P
Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com