Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1225 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1225
Description  64K Nonvolatile SRAM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1225 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1225 Datasheet HTML 1Page - Dallas Semiconductor DS1225 Datasheet HTML 2Page - Dallas Semiconductor DS1225 Datasheet HTML 3Page - Dallas Semiconductor DS1225 Datasheet HTML 4Page - Dallas Semiconductor DS1225 Datasheet HTML 5Page - Dallas Semiconductor DS1225 Datasheet HTML 6Page - Dallas Semiconductor DS1225 Datasheet HTML 7Page - Dallas Semiconductor DS1225 Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DS1225Y
021998 2/8
READ MODE
The DS1225Y executes a read cycle whenever WE
(Write Enable) is inactive (high) and CE (Chip Enable)
and OE (Output Enable) are active (low). The unique
address specified by the 13 address inputs (A0–A12) de-
fines which of the 8192 bytes of data is to be accessed.
Valid data will be available to the eight data output driv-
ers within tACC (Access Time) after the last address in-
put signal is stable, providing that CE and OE access
times are also satisfied. If CE and OE access times are
not satisfied, then data access must be measured from
the later occurring signal and the limiting parameter is
either tCO for CE or tOE for OE rather than address ac-
cess.
WRITE MODE
The DS1225Y executes a write cycle whenever the WE
and CE signals are active (low) after address inputs are
stable. The latter occurring falling edge of CE or WE will
determine the start of the write cycle. The write cycle is
terminated by the earlier rising edge of CE or WE. All
address inputs must be kept valid throughout the write
cycle. WE must return to the high state for a minimum
recovery time (tWR) before another cycle can be initi-
ated. The OE control signal should be kept inactive
(high) during write cycles to avoid bus contention. How-
ever, if the output drivers are enabled (CE and OE ac-
tive) then WE will disable the outputs in tODW from its
falling edge.
DATA RETENTION MODE
The DS1225Y provides full functional capability for VCC
greater than 4.5 volts and write protects at 4.25 nominal.
Data is maintained in the absence of VCC without any
additional support circuitry. The DS1225Y constantly
monitors VCC. Should the supply voltage decay, the NV
SRAM automatically write protects itself, all inputs be-
come “don’t care,” and all outputs become high imped-
ance. As VCC falls below approximately 3.0 volts, a
power switching circuit connects the lithium energy
source to RAM to retain data. During power–up, when
VCC rises above approximately 3.0 volts, the power
switching circuit connects external VCC to RAM and dis-
connects the lithium energy source. Normal RAM oper-
ation can resume after VCC exceeds 4.5 volts.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com