Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1236 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1236
Description  MicroManager Chip
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1236 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1236 Datasheet HTML 1Page - Dallas Semiconductor DS1236 Datasheet HTML 2Page - Dallas Semiconductor DS1236 Datasheet HTML 3Page - Dallas Semiconductor DS1236 Datasheet HTML 4Page - Dallas Semiconductor DS1236 Datasheet HTML 5Page - Dallas Semiconductor DS1236 Datasheet HTML 6Page - Dallas Semiconductor DS1236 Datasheet HTML 7Page - Dallas Semiconductor DS1236 Datasheet HTML 8Page - Dallas Semiconductor DS1236 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DS1236
2 of 19
input which is debounced and activates reset outputs. An internal watchdog timer can also force the reset
outputs to the active state if the strobe input is not driven low prior to watchdog timeout. Reset control
and wake-up/sleep control inputs also provide the necessary signals for orderly shutdown and startup in
battery backup and battery operated applications. A block diagram of the DS1236 is shown in Figure 1.
PIN DESCRIPTION
PIN NAME
DESCRIPTION
VBAT
+3V battery input provides nonvolatile operation of control functions.
VCCO
VCC output for nonvolatile SRAM applications.
VCC
+5V primary power input.
PF
Power-fail indicator, active high, used for external power switching as shown in
Figure 9.
PF
Power-fail indicator, active low.
WC/ SC
Wake-up and Sleep control. Invokes low-power mode.
RC
Reset control input. Determines reset output. Normally low for NMOS processors and
high for battery backed CMOS processors.
IN
Early warning power-fail input. This voltage sense point can be tied (via resistor
divider) to a user-selected voltage.
NMI
Non-maskable interrupt. Used in conjunction with the IN pin to indicate an impending
power failure.
ST
Strobe input. A high-to-low transition will reset the watchdog timer, indicating that
software is still in control.
CEO
Chip enable output. Used with nonvolatile SRAM applications.
CEI
Chip enable input.
PBRST
Pushbutton reset input.
RST
Active low reset output.
RST
Active high reset output.
PROCESSOR MODE
A distinction is often made between CMOS and NMOS processor systems. In a CMOS system, power
consumption may be a concern, and nonvolatile operation is possible by battery backing both the SRAM
and the CMOS processor. All resources would be maintained in the absence of VCC. A power-down reset
is not issued since the low-power mode of most CMOS processors (Stop) is terminated with a Reset. A
pulsed interrupt ( NMI ) is issued to allow the CMOS processor to invoke a sleep mode to save power. For
this case, a power-on reset is desirable to wake up and initialize the processor. The CMOS mode is
invoked by connecting RC to VCCO.
An NMOS processor consumes more power, and consequently may not be battery backed. In this case, it
is desirable to notify the processor of a power-fail, then keep it in reset during the loss of VCC. This avoids
intermittent or aberrant operation. On power-up, the processor will continue to be reset until VCC reaches
an operational level to provide an orderly start. The NMOS mode is invoked by connecting RC to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com