Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1245 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1245
Description  3.3V 1024k Nonvolatile SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1245 Datasheet HTML 1Page - Dallas Semiconductor DS1245 Datasheet HTML 2Page - Dallas Semiconductor DS1245 Datasheet HTML 3Page - Dallas Semiconductor DS1245 Datasheet HTML 4Page - Dallas Semiconductor DS1245 Datasheet HTML 5Page - Dallas Semiconductor DS1245 Datasheet HTML 6Page - Dallas Semiconductor DS1245 Datasheet HTML 7Page - Dallas Semiconductor DS1245 Datasheet HTML 8Page - Dallas Semiconductor DS1245 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DS1245W
3 of 11
memory and nonvolatile control into a module base along with contacts for connection to the lithium
battery in the DS9034PC PowerCap. The PowerCap Module package design allows a DS1245W PCM
device to be surface mounted without subjecting its lithium backup battery to destructive high-
temperature reflow soldering. After a DS1245W module base is reflow soldered, a DS9034PC PowerCap
is snapped on top of the base to form a complete Nonvolatile SRAM module. The DS9034PC is keyed to
prevent improper attachment. DS1245W module bases and DS9034PC PowerCaps are ordered separately
and shipped in separate containers. See the DS9034PC data sheet for further information.
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +4.6V
Operating Temperature
0°C to 70°C, -40°C to +85°C for Ind parts
Storage Temperature
-40°C to +70°C, -40°C to +85°C for Ind parts
Soldering Temperature
260°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(tA: See Note 10)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Power Supply Voltage
VCC
3.0
3.3
3.6
V
Logic 1
VIH
2.2
VCC
V
Logic 0
VIL
0.0
0.4
V
DC ELECTRICAL CHARACTERISTICS
(tA: See Note 10) (VCC=3.3V
±=0.3V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage Current
IIL
-1.0
+1.0
µA
I/O Leakage Current CE
≥ V
IH
≤ V
CC
IIO
-1.0
+1.0
µA
Output Current @ 2.2V
IOH
-1.0
mA
Output Current @ 0.4V
IOL
2.0
mA
Standby Current CE =2.2V
ICCS1
50
250
µA
Standby Current CE =VCC-0.2V
ICCS2
30
150
µA
Operating Current
ICCO1
50
mA
Write Protection Voltage (DS1245AB)
VTP
2.8
2.9
3.0
V
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF
Input/Output Capacitance
CI/O
510
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com