Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1245AB Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS1245AB
Description  1024k Nonvolatile SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1245AB Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS1245AB Datasheet HTML 1Page - Dallas Semiconductor DS1245AB Datasheet HTML 2Page - Dallas Semiconductor DS1245AB Datasheet HTML 3Page - Dallas Semiconductor DS1245AB Datasheet HTML 4Page - Dallas Semiconductor DS1245AB Datasheet HTML 5Page - Dallas Semiconductor DS1245AB Datasheet HTML 6Page - Dallas Semiconductor DS1245AB Datasheet HTML 7Page - Dallas Semiconductor DS1245AB Datasheet HTML 8Page - Dallas Semiconductor DS1245AB Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DS1245Y/AB
5 of 12
AC ELECTRICAL
(VCC=5V
±=5% for DS1245AB)
CHARACTERISTICS
(tA: See Note 10) (VCC=5V
±=10% for DS1245Y)
DS1245AB-100
DS1245Y-100
DS1245AB-120
DS1245Y-120
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Read Cycle Time
tRC
100
120
ns
Access Time
tACC
100
120
ns
OE
to Output Valid
tOE
50
60
ns
CE
to Output Valid
tCO
100
120
ns
OE
or CE to Output Active
tCOE
5
5
ns
5
Output High Z from Deselection
tOD
35
35
ns
5
Output Hold from Address Change
tOH
55
ns
Write Cycle Time
tWC
100
120
ns
Write Pulse Width
tWP
75
90
ns
3
Address Setup Time
tAW
00
ns
Write Recovery Time
tWR1
tWR2
5
15
5
15
ns
ns
12
13
Output High Z from WE
tODW
35
35
ns
5
Output Active from WE
tOEW
5
5
ns
5
Data Setup Time
tDS
40
50
ns
4
Data Hold Time
tDH1
tDH2
0
10
0
10
ns
ns
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com