Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP-820 Datasheet(PDF) 2 Page - 3M Electronics

Part # DP-820
Description  Acrylic Adhesives
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

DP-820 Datasheet(HTML) 2 Page - 3M Electronics

  DP-820 Datasheet HTML 1Page - 3M Electronics DP-820 Datasheet HTML 2Page - 3M Electronics DP-820 Datasheet HTML 3Page - 3M Electronics DP-820 Datasheet HTML 4Page - 3M Electronics DP-820 Datasheet HTML 5Page - 3M Electronics DP-820 Datasheet HTML 6Page - 3M Electronics DP-820 Datasheet HTML 7Page - 3M Electronics DP-820 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3M™ Scotch-Weld™
Acrylic Adhesives
DP805 • DP820
- 2 -
Typical Cured
Properties
Product
3M™ Scotch-Weld™
3M™ Scotch-Weld™
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Color
Pale Yellow
Pale Yellow
Shore D Hardness5
79
75
Full Cure Time6
8-24 hrs. @ 73°F (23°C)
24-48 hrs. @ 73°F (23°C)
Elongation7
30%
50-75%
Tensile Strength7
3200 psi
—
Physical
Product
Scotch-Weld
Scotch-Weld
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Glass Transition Temperature8 (Tg)
140°F (60°C)
136°F (58°C)
Coefficient of Thermal Expansion9
105 x 10-6
180 x 10-6
(units/units/°C)
60-212°F (20-100°C)
68-158°F (20-70°C)
Weight Loss at Temperature10
1% @ 275°F (135°C)
1% @ 266°F (130°C)
by Thermal Gravimetric Analysis (TGA)
5% @ 451°F (233°C)
5% @ 446°F (230°C)
Thermal
Product
Scotch-Weld
Scotch-Weld
Acrylic Adhesive
Acrylic Adhesive
DP805
DP820
Dielectric Constant11
3.6 @ 500 Hz
3.1 @ 500 Hz
3.6 @ 1 KHz
3.0 @ 1 KHz
3.5 @ 10 KHz
2.8 @ 10 KHz
3.4 @ 100 KHz
2.8 @ 100 KHz
Dissipation Factor11
0.046 @ 500 Hz
0.083 @ 500 Hz
0.037 @ 1 KHz
0.065 @ 1 KHz
0.023 @ 10 KHz
0.032 @ 10 KHz
0.018 @ 100 KHz
0.022 @ 100 KHz
Volume Resistivity12
1.1 x 1014 ohm-cm
2.2 x 1012 ohm-cm
Dielectric Strength13
—
3500 volts/mil
Surface Resistivity12
2.1 x 1015 ohms
1.6 x 1014 ohms
Electrical
Note: The following technical information and data should be considered representative
or typical only and should not be used for specification purposes.
5. ASTM D-2240.
6. Time to develop 80% of maximum overlap shear values.
7. Tensile and Elongation. Used procedure in 3M Test Method C-3094/ASTM D-882. Samples were 2 in. dumbbells with 0.125 in. neck and
.030 in. sample thickness. Separation rate was 2 inches per minute.
8. Determined using DSC and heating rate of 68°F (20°C) per minute.
9. Determined using Thermal Mechanical Analysis (TMA) and heating rate of 41°F (5°C) per minute. First heat values given.
10. By TGA in air at 50°F (10°C)/min. TGA-7.
11. ASTM D-150 at 73°F (23°C).
12. ASTM D-257 at 73°F (23°C).
13. ASTM D-149 at 73°F (23°C). Sample thickness 14 mils.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com