Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-2010 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC-2010
Description  ROTARY CODED SWITCHES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC-2010 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  SC-2010 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC-2010 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
A-155
ス
イ
ッ
チ
■包装仕様
〈テーピングの包装仕様〉
● テーピングは500個/リール単位の包装になりますので、500個
単位
(500個、1000個、1500個…)
でのご注文をお願い致し
ます。
● テーピングリールの箱詰めは、1リール(500個)ごとに製品箱に
包装致します。
製品の脱落は、連続2個以内と致します。
テープのリーダ部、空部およびリール寸法は図に示します。
■PACKAGING SPECIFICATIONS
<Taping packaging specifications>
● Taping version is packaged in 500 pcs. per reel.
Orders will be accepted for units of 500 pcs., i.e., 500,
1000, 1500 pcs., etc.
● Taping version is boxed with one reel (500 pcs.).
Maximum number of consecutive missing pieces = 2
Leader length and reel dimension are shown in the dia-
grams below:
● テープのリーダ部および空部 Embossed tape dimensions
● リールの寸法図 Reel dimensions
(Unit: mm)
(EIAJ ET-7200Aに準拠 In accordance with EIAJ ET-7200A)
40 mm min.
20 pitches min.
400 mm min.
Direction of feed
終り
End
始め
Head
空部
Empty
製品装着部
Filled
空部
Empty
引き出し方向
リーダ部 Leader
〈ポリ袋の包装仕様〉
● ポリ袋での最小包装は、10個/袋となりますので、10個単位
(10個、20個、30個…)
でのご注文をお願い致します。
● ポリ袋の箱詰めは、25個以上(標準は50個)を製品箱に包装
致します。
〈トレイの包装仕様〉
● トレイでの最小梱包は、50個/トレイとなりますので、50個単位
(50個、100個、150個…)
でのご注文をお願い致します。
● トレイの箱詰めは、10トレイごとに製品箱に包装いたします。
<Tray packaging specifications>
● Tray version is packaged in 50 pcs. per tray. Orders will
be accepted for units of 50 pcs., i. e., 50, 100, 150 pcs.
etc.
● Tray version is boxed with 10 trays.
<Bulk pack specifications>
● The smallest unit of bulk pack in a plastic bag is 10 pcs.
per pack. Orders will be accepted for unit of minimum 10
pcs., i.e., 10, 20, 30 pcs. , etc.
● Boxing of bulk pack in a plastic bag is performed with 25
pcs. (standard 50 pcs.) per box.
(Unit: mm)
(EIAJ RC-1009B
に準拠 In accordance with EIAJ RC-1009B)
製品表示ラベル
2
± 0.5
25.4
± 1
29.4
± 1
Part No. label
13
± 0.2
φ
21
± 0.8
φ
16
± 0.1
0.4
± 0.1
4.8
Direction of feed
引き出し方向
4
± 0.1 2 ± 0.1
1.5
φ
+0.1
0
SC-1000/2000
ROTARY CODED SWITCHES
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com