Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1321 Datasheet(PDF) 12 Page - Dallas Semiconductor

Part # DS1321
Description  Flexible Nonvolatile Controller with Lithium Battery Monitor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1321 Datasheet(HTML) 12 Page - Dallas Semiconductor

Back Button DS1321 Datasheet HTML 4Page - Dallas Semiconductor DS1321 Datasheet HTML 5Page - Dallas Semiconductor DS1321 Datasheet HTML 6Page - Dallas Semiconductor DS1321 Datasheet HTML 7Page - Dallas Semiconductor DS1321 Datasheet HTML 8Page - Dallas Semiconductor DS1321 Datasheet HTML 9Page - Dallas Semiconductor DS1321 Datasheet HTML 10Page - Dallas Semiconductor DS1321 Datasheet HTML 11Page - Dallas Semiconductor DS1321 Datasheet HTML 12Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
DS1321
12 of 12
DATA SHEET REVISION SUMMARY
The following represent the key differences between 03/26/96 and 06/12/97 version of the DS1321 data
sheet. Please review this summary carefully.
1.
Changed ICCO1 from 200 to 185 mA max
2.
Changed ICCO2 from 350 to 260 mA max
3.
Changed VBTP from 2.55 - 2.65V to 2.50 - 2.70V
4.
Changed RIM from 1.0 typ to 1.2 M
Ω=and 1.4 max to 1.5 MΩ
5.
Changed tPD from 5 typ, 15 max to 12 typ, 20 max
6.
Changed tRPO units from ns to
µs
7.
Changed block diagram to show U.L. compliance
The following represent the key differences between 06/12/97 and 09/29/97 version of the DS1321 data
sheet. Please review this summary carefully.
1.
Changed AC test conditions
The following represent the key differences between 09/29/97 and 12/12/97 version of the DS1321 data
sheet. Please review this summary carefully.
1.
Removed preliminary from title bar.
2.
Specified which inputs and outputs are relevant for CIN and COUT specs. This is not a change, just
a clarification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com