Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A2001GP Datasheet(PDF) 3 Page - Newhaven Display International, Inc.

Part # A2001GP
Description  A2001 SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEWHAVEN [Newhaven Display International, Inc.]
Direct Link  http://www.newhavendisplay.com
Logo NEWHAVEN - Newhaven Display International, Inc.

A2001GP Datasheet(HTML) 3 Page - Newhaven Display International, Inc.

  A2001GP Datasheet HTML 1Page - Newhaven Display International, Inc. A2001GP Datasheet HTML 2Page - Newhaven Display International, Inc. A2001GP Datasheet HTML 3Page - Newhaven Display International, Inc. A2001GP Datasheet HTML 4Page - Newhaven Display International, Inc. A2001GP Datasheet HTML 5Page - Newhaven Display International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
A2001 SERIES
2.00mm pitch 180° Wafer
2.00mm pitch 90° Wafer
CHANGJIANG CONNECTORS TEL:86-755-29959119 29959129 FAX:86-755-29959139 Http://www.CJT.cn
Reference Informations:
*Material:Pin:Brass/Tin over Nickel
Insulator:Nylon 66,UL94V-0
*Mates with CJT A2001 series Housing
*Color:White
Unit: mm
2.00mm pitch wire to board connector
A2001WV
A2001WR
Ordering Information & Dimensions:
A2001WR-3P
A2001WR-6P
A2001WR-5P
A2001WR-4P
A2001WR-10P
A2001WR-11P
A2001WR-12P
A2001WR-13P
A2001WR-9P
A2001WR-8P
A2001WR-14P
28.00
26.00
24.00
22.00
30.00
32.00
Dimensions
A
10.00
8.00
14.00
18.00
6.00
A2001WR-2P
8.00
22.00
26.00
28.00
24.00
12.00
14.00
16.00
10.00
18.00
2.00
6.00
Reference Informations:
*Material:Pin:Brass/Tin over Nickel
Insulator:Nylon 66,UL94V-0
*Mates with CJT A2001 series Housing
*Color:White
TYPE 3
TYPE 2
TYPE 1
P.C.B LAYOUT
2.00±0.05
Ø0.70±0.05
4.80±0.25
1.80±0.20
B±0.25
Circuit 1
PIN 0.50 SQ
0.80
A±0.20
2.00±0.10
TYPE 2
TYPE 1
A±0.20
2.00±0.10
4.85±0.25
1.80±0.20
3.40±0.20
B±0.25
Circuit 1
PIN 0.50 SQ
P.C.B LAYOUT
2.00±0.05
Ø0.70±0.05
A2001WR-16P
A2001WR-18P
A2001WR-17P
34.00
36.00
38.00
32.00
34.00
30.00
Unit: mm
Ordering Information & Dimensions:
A2001WV-3P
A2001WV-6P
A2001WV-5P
A2001WV-4P
A2001WV-10P
A2001WV-11P
A2001WV-12P
A2001WV-13P
A2001WV-9P
A2001WV-8P
A2001WV-14P
26.00
22.00
30.00
10.00
14.00
18.00
6.00
A2001WV-2P
8.00
22.00
26.00
28.00
24.00
12.00
14.00
16.00
10.00
18.00
2.00
6.00
A2001WV-16P
A2001WV-18P
A2001WV-17P
34.00
36.00
38.00
32.00
34.00
30.00
Ordering Information:
A2001WV-XP - **
1
2
1.Part No.
2.Style:
(blank) :Type 1
2 :Type 2
3 :Type 3
Ordering Information:
A2001WR-XP - **
1
2
1.Part No.
2.Style:
(blank) :Type 1
2 :Type 2
A2001WV-20P
A2001WV-19P
40.00
42.00
36.00
38.00
A2001WR-20P
A2001WR-19P
42.00
36.00
38.00
40.00
PART NO.
Dimensions
AB
PART NO.
B
A2001WV-7P
A2001WV-15P
20.00
28.00
24.00
32.00
8.00
12.00
16.00
20.00
4.00
A2001WR-7P
20.00
16.00
A2001WR-15P
20.00
12.00
4.00



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com